Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10150F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR10150F
Description  Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR10150F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR10150F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR10150F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR10150F
Voltage 150 V
10.0 Amp Schottky Barrier Rectifiers
11-Sep-2017 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Flame Retardant Epoxy Molding Compound
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability
Guardring for overvoltage protection
For use in low voltage, high frequency inverters
free wheeling, and polarity protection applications.
MECHANICAL DATA
Case: Molded plastic
Terminals : solder plated, solderable
per MIL-STD-750, Method 2026
Polarity: As Marked
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Maximum RMS Voltage
VRMS
105
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum Average Forward current (See Fig.1)
IF(AV)
10
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
110
A
Maximum Instantaneous Forward Voltage @IF=5A, per leg
VF
0.92
V
TA=25°C
0.02
Maximum DC Reverse Current at Rated DC
Blocking Voltage
TA=125°C
IR
20
mA
Typical Thermal Resistance
RθJC
4
°C /W
Operating and Storage Temperature Range
TJ,TSTG
150, -55~150
°C
ITO-220J
A
M
J
K
L
L
G
F
B
N
D
E
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.5
15.5
H
3.8 TYP.
B
9.5
10.5
J
1.30 REF.
C
13.20 REF.
K
0.3
0.9
D
4.24
4.84
L
2.54 REF.
E
2.52
3.20
M
2.70 REF.
F
2.50
2.90
N
φ 3.5 REF.
G
0.47
0.75


Similar Part No. - MBR10150F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR10150F PANJIT-MBR10150F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR10150F SECOS-MBR10150F Datasheet
262Kb / 2P
10Amp Schottky Barrier Rectifiers
MBR10150F-C SECOS-MBR10150F-C Datasheet
262Kb / 2P
10Amp Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10150FAT_T0_00001 PANJIT-MBR10150FAT_T0_00001 Datasheet
198Kb / 4P
10A SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR10150FC SIRECT-MBR10150FC Datasheet
132Kb / 3P
Power Schottky Rectifier - 10Amp 150Volt
More results

Similar Description - MBR10150F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150F SECOS-SBR10150F Datasheet
172Kb / 2P
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_12 Datasheet
251Kb / 2P
Voltage 60 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10150 SECOS-SBR10150_11 Datasheet
286Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
SR1045 SECOS-SR1045_11 Datasheet
258Kb / 2P
Voltage 45 V 10.0 Amp Schottky Barrier Rectifiers
MBR1040 SECOS-MBR1040 Datasheet
163Kb / 2P
Voltage 40 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150 SECOS-MBR10150 Datasheet
134Kb / 2P
Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com