Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9138N Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9138N
Description  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138N Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9138N Datasheet HTML 1Page - Micro Analog systems MAS9138N Datasheet HTML 2Page - Micro Analog systems MAS9138N Datasheet HTML 3Page - Micro Analog systems MAS9138N Datasheet HTML 4Page - Micro Analog systems MAS9138N Datasheet HTML 5Page - Micro Analog systems MAS9138N Datasheet HTML 6Page - Micro Analog systems MAS9138N Datasheet HTML 7Page - Micro Analog systems MAS9138N Datasheet HTML 8Page - Micro Analog systems MAS9138N Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 (10)
DA9138.005
12 April, 2006
PIN CONFIGURATION
PDIP 16
TSL
TMG
OSC
TXC*
CL1
CL2
XESR
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16 VDD
RXC
RDI
RDO
XHST
XASY
TDO
TDI
TSL
TMG
OSC
TXC*
CL1
CL2
XESR
VSS
1
2
3
4
5
6
7
8
SO16
9
10
11
12
13
14
15
16 VDD
RXC
RDI
RDO
XHST
XASY
TDO
TDI
MAS9138N
MAS9138SB/SD
Top marking: YYWW = Year Week, XXXXX.X = Lot Number,
=ESD Indicator
PIN DESCRIPTION
Pin name
Pin no.
I/O
Function
PDIP
SO
TSL
1
1
I
Timing select. 0 selects external sampling timing 16 x TXC from pin 2,
TMG. 1 selects internal sampling timing.
TMG
2
2
I
Timing. Square wave timing signal 16 x TXC (TSL = 0) or 128 x
TXCmax (TSL = 1).
Max f = 10 Mhz when VDD = 5v and 5MHz when VDD = 3.3v.
OSC
3
3
O
Oscillator. Output for crystal. If used, the crystal is connected between
pins 2 and 3.
TXC
4
4
I
Transmitter timing (MAS9138 only).
Synchronous square wave timing for transmitter. The transmitted data
output, TDO is synchronized to the rising edge of TXC. The duty cycle
of TXC has to be 50% +/- 5%.
CL1
5
5
I
Character length. The total character length including one start bit, one
stop bit and possible parity bit is selected with the CL1 and CL2
signals.
CL2
6
6
I
XESR
7
7
I
Extended signalling rate. The tolerance of the synchronous bit rate can
be:
XESR = 1 (basic signalling rate) TXC -2.5%...+1.0%
XESR = 0 (extended signalling rate) TXC -2.5%...2.3%
VSS
8
8
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com