Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS40S45CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CS40S45CT
Description  Super Low Barrier High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS40S45CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CS40S45CT Datasheet HTML 1Page - Chip Integration Technology Corporation CS40S45CT Datasheet HTML 2Page - Chip Integration Technology Corporation CS40S45CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CS40S45CT
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1)
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CS40S45CT
UNIT
-55 ~ +150
40
280
A
A
O C/W
O C
4
R
θ J C
Junction to case
CS40S45CT
V
R M
V
RW M
V
R R M
45
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 20A, T = 125 C
F
J
460
500
450
0.2
Document ID : DS-11K5F
Revised Date : 2015/08/04
Revision : C6
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
O
I = 10A, T = 25 C
F
J
O
I = 20A, T = 25 C
F
J
O
I = 10A, T = 125 C
F
J
O
I = 5A, T = 125 C
F
J
360
310
435
385
290
250
390
340
415
Diode junction capacitance
f=1MHz and applied 4V DC reverse voltage
C
j
1615
pF
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Main Product Characteristics
I
F ( AV )
2x20A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.415V
■ Outline
TO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.398(10.1)
0.406(10.3)
0.236(6.0)
0.252(6.4)
0.579(14.7)
0.594(15.1)
0.543(13.8)
0.551(14.0)
0.143(3.63)
0.159(4.03)
0.104(2.64)
0.112(2.84)
0.335(8.5)
0.350(8.9)
0.046(1.17)
0.054(1.37)
0.028(0.71)
0.036(0.91)
0.098(2.49)
0.102(2.59)
0.176(4.47)
0.184(4.67)
0.046(1.17)
0.054(1.37)
0.102(2.6)
0.110(2.8)
0.019(0.28)
0.021(0.48)
0.147(3.74)
0.155(3.94)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.394(10.0)
0.413(10.5)
0.228(5.8)
0.268(6.8)
0.570(14.48)
0.625(15.87)
0.519(13.18)
0.558(14.18)
0.089(3.5)
0.099(3.9)
0.100(2.54)
0.120(3.04)
0.330(8.38)
0.350(8.9)
0.045(1.15)
0.060(1.52)
0.029(0.75)
0.037(0.95)
0.095(2.42)
0.105(2.66)
0.160(4.07)
0.190(4.82)
0.045(1.15)
0.055(1.39)
0.080(2.04)
0.110(2.8)
0.013(0.33)
0.019(0.52)
0.148(3.75)
0.156(3.95)
Alternate
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
C
PIN 1
PIN 3
PIN 2
Dimensions in inches and (millimeters)


Similar Part No. - CS40S45CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS40S45CT-A CITC-CS40S45CT-A Datasheet
483Kb / 3P
40A MOS Schottky Rectifier
More results

Similar Description - CS40S45CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20150CT-A CITC-CSF20150CT-A Datasheet
481Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP8S60S-A CITC-CSP8S60S-A Datasheet
468Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10L45S-A CITC-CSP10L45S-A Datasheet
475Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15L50S-A CITC-CSP15L50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15S50S-A CITC-CSP15S50S-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP560S-A CITC-CSP560S-A Datasheet
477Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10200SG-A CITC-CSP10200SG-A Datasheet
504Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSR5200-A CITC-CSR5200-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRL1060-A CITC-CSRL1060-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRS1045-A CITC-CSRS1045-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com