Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5866AS Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5866AS
Description  D/A Converter for DSD and PCM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5866AS Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5866AS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5866AS Datasheet HTML 23Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SM5866AS
NIPPON PRECISION CIRCUITS INC.—21
DYNAMICS CHARACTERISTICS
DSD mode (H-Mode) Dynamics Characteristics (Under Measurement Condition in page 8)
Note. Input data: SUPER AUDIO CD DAC Test Disc (PHILIPS, 3122-783-00632)
Figure 16. 0dB input FFT
(with 1kHz notch filter 32768 pts. 8 average)
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
d
B
r
A
Figure 17. 0dB input FFT
(with 1kHz notch filter 32768 pts. 8 average)
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
5k
100k
10k
15k
20k
25k
30k
35k
40k
45k
50k
55k
60k
65k
70k
75k
80k
85k
90k
95k
Hz
d
B
r
A
Figure 18.
−60dB input FFT (32768 pts. 8 average)
-160
+0
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
d
B
r
A
Figure 19. THD
+ N vs. frequency
-120
-115
-110
-105
-100
-95
-90
-85
-80
0.01
0.1
1
10
100
kHz
d
B
Figure 20. THD
+ N (%) vs. amplitude
0.0001
0.001
0.01
0.1
1
-60
-50
-40
-30
-20
-10
0
dBFS
%
Figure 21. Linearity
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
dBFS
d
B
r
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com