Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9510CSR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9510CSR
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510CSR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9510CSR Datasheet HTML 1Page - Torex Semiconductor XC9510CSR Datasheet HTML 2Page - Torex Semiconductor XC9510CSR Datasheet HTML 3Page - Torex Semiconductor XC9510CSR Datasheet HTML 4Page - Torex Semiconductor XC9510CSR Datasheet HTML 5Page - Torex Semiconductor XC9510CSR Datasheet HTML 6Page - Torex Semiconductor XC9510CSR Datasheet HTML 7Page - Torex Semiconductor XC9510CSR Datasheet HTML 8Page - Torex Semiconductor XC9510CSR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
Preliminary
! PIN CONFIGURATION
! PIN ASSIGNMENT
1
2
3
4
5
6
7
8
! SELECTION GUIDE
" Ordering Information
XC9510
123456
The input for the voltage regulator block comes from the DC/DC.
Control Methods and MODE pins, the VD Sense pin (See the chart below)
Setting voltage and specifications of each DC/DC, VR, and VD (Based on the internal standard)
Oscillation Frequency of DC/DC :
300kHz
600kHz
1.2MHz
Package Type :
SOP-8
Device Orientation :
Embossed Tape : Standard feed
Embossed Tape : Reverse feed
$ Control Methods, CE/MODE Pin, VDSENSE
SOP-8 (Top View)
C
CE/MODE PINS
(L LEVEL)
VD
SENSE
K
D
E
F
H
A
VR : OFF
DC/DC CONTROL
METHODS
5
4
3
6
C
CE/MODE PINS
(H LEVEL)
L
PWM, PFM/PWM
Manual Switch
SERIES
1
23
1
B
R
L
6
XC9510
PWM Control
S
DESIGNATOR
DESCRIPTION
SYMBOL
Chip Enable / MODE Switch
Power Supply
VD Output
Analog Ground
CE/MODE
VDD
VDOUT
AGND
Switch
LX
DCOUT
DC/DC Output
VROUT
VR Output
PIN
NUMBER
FUNCTION
PIN NAME
Power Ground
PGND
XC9510 Series
VROUT
PFM/PWM
Automatic Switch
-
VR : ON
PWM Control
-
CE/MODE PINS
(M LEVEL)
Stand-by Mode
(Except for VD)
VDD
DCOUT
VROUT
VDD
DCOUT
VROUT
VDD
DCOUT
Semiconductor Ltd.
PGND 1
CE/MODE 2
VDD 3
VDOUT 4
8 LX
7 DCOUT
6 VROUT
5 AGND
Data Sheet
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com