Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S85S1P Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S85S1P
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S85S1P Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S85S1P Datasheet HTML 17Page - Seiko Instruments Inc S85S1P Datasheet HTML 18Page - Seiko Instruments Inc S85S1P Datasheet HTML 19Page - Seiko Instruments Inc S85S1P Datasheet HTML 20Page - Seiko Instruments Inc S85S1P Datasheet HTML 21Page - Seiko Instruments Inc S85S1P Datasheet HTML 22Page - Seiko Instruments Inc S85S1P Datasheet HTML 23Page - Seiko Instruments Inc S85S1P Datasheet HTML 24Page - Seiko Instruments Inc S85S1P Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.3_00
S-85S1P Series
21
Precautions
• Mount external capacitors and inductors as close as possible to the IC, and make single GND.
• Characteristic ripple voltage and spike noise occur in the IC containing switching regulators. Moreover rush current
flows at the time of a power supply injection. Because these largely depend on the inductor, the capacitor and
impedance of power supply to be used, fully check them using an actually mounted model.
• The 10 μF capacitor connected between the VIN pin and the VSS pin is a bypass capacitor. It stabilizes the power
supply in the IC when application is used with a heavy load, and thus effectively works for stable switching
regulator operation. Allocate the bypass capacitor as close to the IC as possible, prioritized over other parts.
• Although the IC contains a static electricity protection circuit, static electricity or voltage that exceeds the limit of
the protection circuit should not be applied.
• The power dissipation of the IC greatly varies depending on the size and material of the board to be connected.
Perform sufficient evaluation using an actual application before designing.
• SII Semiconductor Corporation assumes no responsibility for the way in which this IC is used on products created
using this IC or for the specifications of that product, nor does SII Semiconductor Corporation assume any
responsibility for any infringement of patents or copyrights by products that include this IC either in Japan or in
other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com