Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S93L76A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S93L76A
Description  LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93L76A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S93L76A Datasheet HTML 17Page - Seiko Instruments Inc S93L76A Datasheet HTML 18Page - Seiko Instruments Inc S93L76A Datasheet HTML 19Page - Seiko Instruments Inc S93L76A Datasheet HTML 20Page - Seiko Instruments Inc S93L76A Datasheet HTML 21Page - Seiko Instruments Inc S93L76A Datasheet HTML 22Page - Seiko Instruments Inc S93L76A Datasheet HTML 23Page - Seiko Instruments Inc S93L76A Datasheet HTML 24Page - Seiko Instruments Inc S93L76A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
Rev.6.0_02
S-93L76A
21
1. 19 High-level output voltage VOH
vs. ambient temperature Ta
1. 20 High-level output voltage VOH
vs. ambient temperature Ta
Ta (
°C)
2.5
2.4
VCC
= 2.5 V
IOH
= −100 μA
−40
0
85
VOH
(V)
2.3
Ta (
°C)
1.9
1.8
VCC
= 1.8 V
IOH
= −10 μA
−40
0
85
VOH
(V)
1.7
1. 21 Low-level output voltage VOL
vs. ambient temperature Ta
1. 22 Low-level output voltage VOL
vs. ambient temperature Ta
Ta (
°C)
0.3
0.2
VCC
= 4.5 V
IOL
= 2.1 mA
−40
0
85
VOL
(V)
0.1
Ta (
°C)
0.03
0.02
VCC
= 1.8 V
IOL
= 100 μA
−40
0
85
VOL
(V)
0.01
1. 23 High-level output current IOH
vs. ambient temperature Ta
1. 24 High-level output current IOH
vs. ambient temperature Ta
Ta (
°C)
−20.0
−10.0
VCC
= 4.5 V
VOH
= 2.4 V
0
−40
0
85
IOH
(mA)
Ta (
°C)
−2
−1
VCC
= 2.7 V
VOH
= 2.4 V
0
−40
0
85
IOH
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com