Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS480K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS480K
Description  0.1A , 40V Surface Mount Schottky Barrier Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS480K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS480K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
SCS480K
0.1A , 40V
Surface Mount Schottky Barrier Rectifiers
22-Oct-2014 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Surface Mounting Type
Low Reverse Current and Low Forward Voltage
High Reliability
MECHANICAL DATA
Case: SOT-353, Molded Plastic
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: See Diagrams Below
Mounting position: Any
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-353
3K
7 inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
Peak reverse voltage
VRM
45
V
Reverse Voltage
VR
40
V
Peak forward current
IFM
1
A
Mean rectifying current
IO
100
mA
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
TYP.
Max.
Unit
Test Conditions
-
-
450
IF = 10mA
Forward Voltage
VF
-
-
600
mV
IF = 100mA
-
-
1
VR = 10V
Reverse Current
IR
-
-
5
µ
A
VR = 40V
Capacitance between
terminals
CT
-
6
-
pF
VR =0, f=1MHz
SOT-353
B
L
F
H
C
J
D G
K
A
E
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
8°
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35
3T
2
N/A
1
A
C
5
C
4
3
A


Similar Part No. - SCS480K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS480K SECOS-SCS480K_15 Datasheet
55Kb / 1P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS480K

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G420SD GTM-G420SD Datasheet
239Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G421SD GTM-G421SD Datasheet
226Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G425SD GTM-G425SD Datasheet
227Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
logo
SeCoS Halbleitertechnol...
SCS751S SECOS-SCS751S_12 Datasheet
146Kb / 2P
0.03A , 40V Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS751CS-40T5G WILLAS-SCS751CS-40T5G Datasheet
358Kb / 3P
30mA Surface Mount Schottky Barrier Rectifiers - 40V
SCS751G WILLAS-SCS751G Datasheet
478Kb / 4P
30mA Surface Mount Schottky Barrier Rectifiers-40V
logo
SeCoS Halbleitertechnol...
SCS521DZ SECOS-SCS521DZ Datasheet
230Kb / 2P
0.1A , 30V Surface Mount Schottky Barrier Rectifiers
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
40V, 2A Surface Mount Schottky Barrier Rectifiers
SK340LHT SECOS-SK340LHT Datasheet
297Kb / 2P
40V, 3A Surface Mount Schottky Barrier Rectifiers
SM140TWS SECOS-SM140TWS Datasheet
191Kb / 2P
40V, 1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com