Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS521DZ Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS521DZ
Description  0.1A , 30V Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS521DZ Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS521DZ Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS521DZ Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS521DZ
0.1A , 30V
Surface Mount Schottky Barrier Rectifiers
22-Dec-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Anode
Cathode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Surface Mounting Type
Low Reverse Current and Low Forward Voltage
High Reliability
APPLICATION
High speed switching For Detection
For portable equipment:(i.e. Mobile phone,MP3,
MD,CD-ROM,DVD-ROM, Note book PC, etc.)
MARKING
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Working Peak Reverse Voltage
VRWM
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Mean rectifying current
IO
100
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
500
mA
Power Dissipation
PD
100
mW
Thermal Resistance from Junction to Ambient
RθJA
1000
°C / W
Operating and Storage Temperature Range
TJ,TSTG
125, -50~150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse breakdown voltage
V(BR)
30
-
-
V
IR = 50µA
-
-
0.38
IF = 10mA
Forward Voltage
VF
-
-
0.8
V
IF = 100mA
-
-
10
VR = 10V
Reverse current
IR
-
-
50
µA
VR = 30V
Package
MPQ
Leader Size
DFN0201
10K
7 inch
DFN0201
TOP VIEW
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.57
0.67
E
0.36
0.44
B
0.27
0.37
F
0.22
0.30
C
0.27
0.34
G
0.12
0.20
D
0.05 REF.
H
0.03 REF.


Similar Part No. - SCS521DZ

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521DZ SECOS-SCS521DZ_15 Datasheet
230Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS521DZ

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Rectifiers
SCS751LV-40 SECOS-SCS751LV-40 Datasheet
208Kb / 2P
30V , 30mA Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS520S WILLAS-SCS520S Datasheet
331Kb / 2P
VOLTAGE 30V 0.2 Amp Surface Mount Schottky Barrier Rectifiers
SCS520CS-30T5G WILLAS-SCS520CS-30T5G Datasheet
361Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
SCS520G WILLAS-SCS520G Datasheet
444Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers-30V
SCS521CS-30T5G WILLAS-SCS521CS-30T5G Datasheet
405Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
SCS521G WILLAS-SCS521G Datasheet
411Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers-30V
WB0130QRL WILLAS-WB0130QRL Datasheet
824Kb / 4P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130KRM WILLAS-WB0130KRM Datasheet
749Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
logo
SeCoS Halbleitertechnol...
SCS480K SECOS-SCS480K Datasheet
55Kb / 1P
0.1A , 40V Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com