Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEF102AM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF102AM
Description  Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF102AM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF102AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF102AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SEF101AM~SEF107AM
Voltage 50 ~ 1000 V
1.0 Amp High Efficiency Recovery Rectifiers
17-Apr-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low profile package
Glass Passivated Chip Juntion
Low reverse current
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case : SMAM
Terminals: Solderable per MIL-STD-750, Method 2026
Weight: 27 mgram (Approximate)
MARKING
Part Number
Marking Code
Part Number
Marking Code
SEF101AM
US1A
SEF105AM
US1J
SEF102AM
US1B
SEF106AM
US1K
SEF103AM
US1D
SEF107AM
US1M
SEF104AM
US1G
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAM
3K
7 inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SEF
101AM
SEF
102AM
SEF
103AM
SEF
104AM
SEF
105AM
SEF
106AM
SEF
107AM
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
IF
1
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
30
A
Maximum Instantaneous Forward Voltage
IF=1A @ 25°C
VF
1.0
1.4
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Maximum Reverse Recovery Time
1
TRR
50
75
nS
Typical Thermal Resistance
2
RθJL
22
°C/W
Typical Thermal Resistance
2
RθJC
30
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1. Measured with IF=0.5A,IR=1A,IRR=0.25A
2. P.C.B. mounted with 10 X 10 x 0.2 mm copper pad areas.
SMAM
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
0.80
1.20
B
2.40
2.70
E
1.30
1.60
C
4.40
4.90
F
0.90
1.10


Similar Part No. - SEF102AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF102A SECOS-SEF102A Datasheet
311Kb / 2P
1.0AMP High Efficiency Recovery Rectifiers
More results

Similar Description - SEF102AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF207B SECOS-SEF207B Datasheet
663Kb / 2P
Voltage 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
ES11A SECOS-ES11A Datasheet
214Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS Datasheet
261Kb / 2P
600 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF105BS SECOS-SEF105BS Datasheet
280Kb / 2P
600 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF301AM SECOS-SEF301AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 3.0 Amp High Efficiency Recovery Rectifiers
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com