Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEF102JD Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF102JD
Description  Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF102JD Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF102JD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF102JD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SEF101JD~SEF107JD
Voltage 50 ~ 1000 V
1.0 Amp High Efficiency Recovery Rectifiers
17-Apr -2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward surge current
Ideal for surface mounted applications
Low leakage current
MECHANICAL DATA
Case: JEDEC SOD-123JD
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
MARKING
Part Number
Marking Code
Part Number
Marking Code
SEF101JD
SEF105JD
SEF102JD
SEF106JD
SEF103JD
USL
SEF107JD
USH
SEF104JD
USM
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SEF
101JD
SEF
102JD
SEF
103JD
SEF
104JD
SEF
105JD
SEF
106JD
SEF
107JD
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
IF
1
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
25
A
Maximum Instantaneous Forward Voltage
IF=1A @ 25°C
VF
1.0
1.4
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Maximum Reverse Recovery Time
1
TRR
50
75
nS
Typical Thermal Resistance
2
RθJL
20
°C/W
Typical Thermal Resistance
2
RθJC
40
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1.
Measured with IF=0.5A,IR=1A,IRR=0.25A
2.
P.C.B. mounted with 10 X 10 x 0.2 mm copper pad areas.
Package
MPQ
Leader Size
SOD-123JD
3K
7’ inch
SOD-123JD
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.6
2.9
E
0.1
0.2
B
1.7
1.9
F
0.8
1.1
C
0.9
1.1
G
0.7
0.9
D
3.5
3.8


Similar Part No. - SEF102JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF102A SECOS-SEF102A Datasheet
311Kb / 2P
1.0AMP High Efficiency Recovery Rectifiers
SEF102AM SECOS-SEF102AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF102B SECOS-SEF102B Datasheet
203Kb / 2P
1.0AMP High Efficiency Recovery Rectifiers
SEF102M SECOS-SEF102M Datasheet
259Kb / 3P
1.0 Amp High Efficiency Recovery Rectifiers
SEF102MH SECOS-SEF102MH Datasheet
337Kb / 3P
1.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SEF102JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF207B SECOS-SEF207B Datasheet
663Kb / 2P
Voltage 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
ES11A SECOS-ES11A Datasheet
214Kb / 2P
1.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS Datasheet
261Kb / 2P
600 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF105BS SECOS-SEF105BS Datasheet
280Kb / 2P
600 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF301AM SECOS-SEF301AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 3.0 Amp High Efficiency Recovery Rectifiers
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com