Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEF204JD Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF204JD
Description  Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF204JD Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF204JD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF204JD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SEF201JD~SEF207JD
Voltage 50 ~ 1000 V
2.0 Amp High Efficiency Recovery Rectifiers
17-Apr -2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward surge current
Ideal for surface mounted applications
Low leakage current
MECHANICAL DATA
Case: JEDEC SOD-123JD
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
MARKING
Part Number
Marking Code
Part Number
Marking Code
SEF201JD
SEF205JD
SEF202JD
SEF206JD
SEF203JD
U2L
SEF207JD
U2H
SEF204JD
U2M
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SEF
201JD
SEF
202JD
SEF
203JD
SEF
204JD
SEF
205JD
SEF
206JD
SEF
207JD
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
IF
2
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
50
A
Maximum Instantaneous Forward Voltage
IF=2A @ 25°C
VF
1.0
1.4
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=100°C
IR
50
µA
Maximum Reverse Recovery Time
1
TRR
50
75
nS
Typical Junction Capacitance
3
CJ
25
pF
Typical Thermal Resistance
2
RθJL
20
°C/W
Typical Thermal Resistance
2
RθJC
40
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1.
Measured with IF=0.5A,IR=1A,IRR=0.25A
2.
P.C.B. mounted with 10 X 10 x 0.2 mm copper pad areas.
3.
Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
Package
MPQ
Leader Size
SOD-123JD
3K
7’ inch
SOD-123JD
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.6
2.9
E
0.1
0.2
B
1.7
1.9
F
0.8
1.1
C
0.9
1.1
G
0.7
0.9
D
3.5
3.8


Similar Part No. - SEF204JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF204A SECOS-SEF204A Datasheet
197Kb / 2P
2.0AMP High Efficiency Recovery Rectifiers
SEF204A SECOS-SEF204A Datasheet
314Kb / 2P
2.5AMP High Efficiency Recovery Rectifiers
SEF204AM SECOS-SEF204AM Datasheet
169Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF204B SECOS-SEF204B Datasheet
210Kb / 2P
2.0AMP High Efficiency Recovery Rectifiers
More results

Similar Description - SEF204JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF207B SECOS-SEF207B Datasheet
663Kb / 2P
Voltage 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201B SECOS-SEF201B_15 Datasheet
253Kb / 2P
2.0 Amp High Efficiency Recovery Rectifiers
SUF201B SECOS-SUF201B_15 Datasheet
235Kb / 2P
2.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF205BS SECOS-SEF205BS Datasheet
246Kb / 2P
600 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF301AM SECOS-SEF301AM Datasheet
168Kb / 2P
Voltage 50 ~ 1000 V 3.0 Amp High Efficiency Recovery Rectifiers
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com