Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF140 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASF140
Description  Gain Block Amplifier MMIC over DC ~1000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF140 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASF140_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASF140_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ASB Inc.
 sales@asb.co.kr
February 2017
ASF140
1. Product Overview
1.1
General Description
ASF140, 3.3V internally matched IF gain block amplifier MMIC, has excellent input and output return
loss, high linearity, and low noise over a wide range of frequency DC~1000 MHz, being suitable for use
in both receiver and transmitter of telecommunication systems up to 1 GHz. The amplifier is available in
a SOT343 package and passes through the stringent 100% DC & RF test via an automated test handler.
1.2
Features
 17.2 dB Gain at 150 MHz
 19 dBm P1dB at 150 MHz
 38.5 dBm Output IP3 at 150 MHz
 2.4 dB NF at 150 MHz
 MTTF > 100 Years
 Minimum External Matching Components
 Single Supply: +3.3 V
1.3
Applications
 Base Station Infrastructure
 Repeater
 Telecommunication System
1.4
Package Profile & RoHS Compliance
ASF140 Data Sheet
3.3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
SOT343, 2.15x2.0 mm2, surface mount
RoHS-compliant


Similar Part No. - ASF140_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
Bidirectional Mass Flow Meter
More results

Similar Description - ASF140_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF140 ASB-ASF140 Datasheet
457Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF153 ASB-ASF153 Datasheet
587Kb / 11P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
August 2014
ASF130 ASB-ASF130_17 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF133 ASB-ASF133_17 Datasheet
456Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF143 ASB-ASF143 Datasheet
464Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF150 ASB-ASF150 Datasheet
471Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF153 ASB-ASF153_17 Datasheet
588Kb / 11P
Gain Block Amplfier MMIC over DC ~1000MHz
February 2017
ASX520 ASB-ASX520_17 Datasheet
1Mb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com