Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF143 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASF143
Description  Gain Block Amplifier MMIC over DC ~1000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF143 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASF143 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASF143 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
ASB Inc.
 sales@asb.co.kr
February 2017
ASF143
3.2
Performance Table
Supply voltage = +3.3 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
70
150
300
450
900
MHz
Gain
22.7
22.6
22.3
21.8
19.9
dB
S11
-18.5
-22.0
-21.0
-19.0
-13.0
dB
S22
-21.0
-21.0
-19.0
-15.5
-9.0
dB
Noise Figure
1.8
2.0
2.0
2.0
2.1
dB
Output IP31)
37.5
38.0
38.5
36.5
35.0
dBm
Output P1dB
19.5
20.0
20.0
19.5
19.0
dBm
Current
87
mA
Device Voltage
+3.3
V
1) OIP3 is measured with two tones at the output power of +5 dBm/tone separated by 1 MHz.
3.3
Plot of S-parameter & Stability Factor
0
200
400
600
800
1000
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com