Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF153 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASF153
Description  Gain Block Amplfier MMIC over DC ~1000MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF153 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASF153_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASF153_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
ASB Inc.
 sales@asb.co.kr
February 2017
ASF153
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +3.3 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
70
150
300
450
900
MHz
Gain
22.7
22.6
22.4
22.1
20.8
dB
S11
-18
-21
-20
-17
-10
dB
S22
-25
-25
-25
-21
-11
dB
Noise Figure
1.7
2.0
2.0
2.0
2.0
dB
Output IP31)
37
38
38
36
34
dBm
Output P1dB
20
20
20
20
19
dBm
Current
87
mA
Device Voltage
+3.3
V
1) OIP3 is measured with two tones at the output power of +5 dBm/tone separated by 1 MHz.
2.2
Product Specification
Supply voltage = +3.3 V, TA = +25
C, ZO = 50 
Parameter
Min
Typ
Max
Unit
Frequency
150
MHz
Gain
22.6
dB
S11
-21
dB
S22
-25
dB
Noise Figure
2.0
dB
Output IP3
38
dBm
Output P1dB
20
dBm
Current
87
mA
Device Voltage
+3.3
V
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
RF_IN
2
Ground
3
RF_OUT & Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com