Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTTC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZTTC
Description  Ceramic Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZTTC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZTTC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Electronics Ceramic Resonator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ZTTC Series
Dimensions in mm
Series
Frequency
Range
Frequency
Tolerance
ESR
Temperature
Tolerance
Aging
ZTTC-.--MGW
2.00 – 2.99MHz
+ 0.5%
100
Ω
+ 0.3%
+ 0.5%
ZTTC-.--MGW
3.00 – 3.49MHz
+ 0.5%
50
Ω
+ 0.3%
+ 0.5%
ZTTC-.--MGW
3.50 – 8.00MHz
+ 0.5%
30
Ω
+ 0.3%
+ 0.5%
Surface Mount
Built in Capacitor
Fast Delivery
Tape & Reel or Bulk Packaging
Highly Competitive Prices for Volume Users
Series
A
B
C
D
E
F
ZTTC
7.40
3.40
2.00
1.20
2.50
2.60


Similar Part No. - ZTTC

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTTC ECM-ZTTC Datasheet
96Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTTC ETC2-ZTTC Datasheet
47Kb / 1P
2.00MHz to 8.00MHz
logo
Vanlong Technology Co.,...
ZTTC VANLONG-ZTTC Datasheet
41Kb / 1P
MHz-Band Ceramic Resonator
logo
auris-GmbH
ZTTCC AURIS-ZTTCC Datasheet
143Kb / 1P
Resonator SMD, 3 Pin
logo
List of Unclassifed Man...
ZTTCC ETC2-ZTTCC Datasheet
148Kb / 1P
CERAMIC RESONATOR
More results

Similar Description - ZTTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSB400 ETC-CSB400 Datasheet
435Kb / 11P
CERAMIC RESONATOR
CSTCE8M00 ETC-CSTCE8M00 Datasheet
76Kb / 9P
Ceramic Resonator
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
Ceramic Resonator
logo
Tiger Electronic Co.,Lt...
ZTT10.00MT TGS-ZTT10.00MT Datasheet
183Kb / 5P
CERAMIC RESONATOR
ZTT20.00MX TGS-ZTT20.00MX Datasheet
208Kb / 5P
CERAMIC RESONATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com