Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD102 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD102
Description  Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD102 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MSCD102 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD102 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MSCD102 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD102 / MSCD104 / MSCD106
Voltage 20 V ~ 60 V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
23-May-2012 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Type Number
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
1
MSCD102
IF=0.5A
VF
-
0.39
-
V
IF=1A
-
0.42
0.45
MSCD104
IF=0.5A
-
0.4
-
IF=1A
-
0.47
0.5
MSCD106
IF=0.5A
-
0.5
-
IF=1A
-
0.62
0.65
Repetitive peak reverse current
1
@ VR=Max. VRRM, TA=25°C
I RRM
-
0.028
0.2
mA
Junction capacitance @ VR=4V, f=1.0MHz
CJ
-
115
-
pF
Typical Thermal Resistance Junction to ambient
RθJA
-
120
-
°C / W
Typical Thermal Resistance Junction to lead
RθJL
-
28
-
°C / W
Note:
1.
Pulse test width PW=300usec , 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com