Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD104 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD104
Description  Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD104 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MSCD104 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD104 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MSCD104 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCD102 / MSCD104 / MSCD106
Voltage 20 V ~ 60 V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
23-May-2012 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Halogen-free type
Lead less chip form , no lead damage
Lead-free solder joint , no wire bond & lead frame
Low power loss , High efficiency
High current capability , low VF
APPLICATION
Switching mode power supply applications
Portable equipment battery applications
High frequency rectification
DC / DC Converter
Telecommunication
MECHANICAL DATA
Case:Packed with FRP substrate and epoxy underfilled
Terminals:Pure Tin plated (Lead-Free), solderable
per MIL-STD-750 , Method 2026.
Polarity:Laser Cathode band marking
Weight: 0.005 grams (approximate)
MARKING
PACKAGE INFORMATION
PACKAGE
MPQ
Leader Size
0805
3000
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Type Number
Symbol
Part Number
Unit
MSCD102
MSCD104
MSCD106
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
V
Maximum Average Forward Current
IF(AV)
1
A
Peak Forward Surge Current @ 8.3 ms single half
sine-wave
IFSM
10
A
Junction Temperature Range TJ
TJ
-55~125
-55~150
°C
Storage Temperature Range TSTG
TSTG
-55~150
°C
Cathode Band
G
E
E
D
A
C
B
F
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.90
2.10
E
0.40
0.60
B
1.20
1.40
F
R 0.275
C
1.00 TYP.
G
0.05 REF.
D
0.85
1.05
0805


Similar Part No. - MSCD104

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD104 ZOWIE-MSCD104 Datasheet
76Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
MSCD104 SECOS-MSCD104 Datasheet
283Kb / 2P
1 AMP Surface Mount Schottky B arrier Rectifiers
logo
Zowie Technology Corpor...
MSCD104H ZOWIE-MSCD104H Datasheet
186Kb / 2P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
MSCD104L SECOS-MSCD104L Datasheet
209Kb / 2P
Voltage 40 V 1.0 Amp Low VF Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
More results

Similar Description - MSCD104

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR3060 SECOS-SBR3060 Datasheet
158Kb / 2P
VOLTAGE 60 V 30.0 Amp Schottky Barrier Rectifiers
SBR4060 SECOS-SBR4060 Datasheet
169Kb / 2P
VOLTAGE 60 V 40.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_12 Datasheet
251Kb / 2P
Voltage 60 V 10.0 Amp Schottky Barrier Rectifiers
SBR3060R SECOS-SBR3060R_11 Datasheet
249Kb / 2P
Voltage 60 V 30.0 Amp Schottky Barrier Rectifiers
SM14T SECOS-SM14T Datasheet
526Kb / 2P
40V / 60V / 100 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
MBR2060 SECOS-MBR2060 Datasheet
201Kb / 2P
Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
MBR2060F SECOS-MBR2060F Datasheet
194Kb / 2P
Voltage 60 V 20.0 Amp Schottky Barrier Rectifiers
SM520BM SECOS-SM520BM Datasheet
310Kb / 2P
Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
MSCD104L SECOS-MSCD104L Datasheet
209Kb / 2P
Voltage 40 V 1.0 Amp Low VF Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com