Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD104L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD104L
Description  Voltage 40 V 1.0 Amp Low VF Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD104L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MSCD104L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD104L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MSCD104L
Voltage 40 V 1.0 Amp
Low VF Surface Mount Schottky Barrier Rectifiers
18-Dec-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Halogen-free type
Low power loss , High efficiency
High current capability , low VF
MECHANICAL DATA
Case:Packed with FRP substrate and epoxy underfilled
Terminals:Pure Tin plated (Lead-Free), solderable
per MIL-STD-750 , Method 2026.
Polarity:Laser Cathode band marking
Weight: 0.005 grams (approximate)
MARKING
PACKAGE INFORMATION
PACKAGE
MPQ
Leader Size
0805
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Type Number
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Maximum Average Forward Current
IF(AV)
1
A
Peak Forward Surge Current @ 8.3 ms single half sine-wave
IFSM
10
A
Junction Temperature Range TJ
TJ
-55~125
°C
Storage Temperature Range TSTG
TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Type Number
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage @ IF=1A
VF
-
0.37
0.38
V
Repetitive peak reverse current@ VR=Max. VRRM, TA=25°C
I RRM
-
0.3
1
mA
Junction capacitance @ VR=4V, f=1.0MHz
CJ
-
115
-
pF
Typical Thermal Resistance Junction to ambient
1
RθJA
-
88
-
°C / W
Typical Thermal Resistance Junction to lead
1
RθJL
-
28
-
°C / W
Note:
1.
Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas
Cathode Band
G
E
E
D
A
C
B
F
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.90
2.10
E
0.40
0.60
B
1.20
1.40
F
R 0.275
C
1.00 TYP.
G
0.05 REF.
D
0.85
1.05
0805


Similar Part No. - MSCD104L

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
More results

Similar Description - MSCD104L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12_1 Datasheet
135Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SKL13B TSC-SKL13B Datasheet
343Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SKL13B TSC-SKL13B_10 Datasheet
469Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12_10 Datasheet
378Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SSL12 LUGUANG-SSL12 Datasheet
202Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK16FL SECOS-SK16FL Datasheet
1,002Kb / 2P
Voltage 60V Low VF Low IR 1.0 Amp Schottky Barrier Rectifiers
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com