Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM01-R-CAP-CF Datasheet(PDF) 3 Page - DDK Ltd.

Part # CM01-R-CAP-CF
Description  DeviceNet Micro-Style Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM01-R-CAP-CF Datasheet(HTML) 3 Page - DDK Ltd.

  CM01-R-CAP-CF Datasheet HTML 1Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 2Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 3Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 4Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 5Page - DDK Ltd. CM01-R-CAP-CF Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Unit:mm
http://www.ddknet.co.jp
CM02 Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Straight Plug With Socket Contacts
・DeviceNet Plug
・CC-Link Plug
P/N
Applicable Cable
Conductor Size
Outside Dia.
A set of plug : CM02A-8DP5S-D(02)
AWG22 - AWG24
φ 6.5mm - φ 7.2mm
Contents
Body : CM02A-8DP5S-D(02)-0
Straight Contact : CM02A-SSC-2224
Angle Contact : CM02A-ASC-2224
A set of plug : CM02A-8DP5S-D(04)
AWG22 - AWG24
φ 8.8mm - φ 9.8mm
Contents
Body : CM02A-8DP5S-D(04)-0
Straight Contact : CM02A-SSC-2224
Angle Contact : CM02A-ASC-2224
A set of plug : CM02A-8DP5S-D(02)(D9)
AWG18 - AWG20
φ 6.5mm - φ 7.2mm
Contents
Body : CM02A-8DP5S(02)(D9)-0
Straight Contact : CM02A-SSC-1820
Angle Contact : CM02A-ASC-1820
A set of plug : CM02A-8DP5S-D
AWG18 - AWG20
φ 8.2mm - φ 8.9mm
Contents
Body : CM02A-8DP5S-D-0
Straight Contact : CM02A-SSC-1820
Angle Contact : CM02A-ASC-1820
A set of plug : CM02A-8DP5S-D(01)
AWG18 - AWG20
φ 9.4mm - φ 9.9mm
Contents
Body : CM02A-8DP5S-D(01)-0
Straight Contact : CM02A-SSC-1820
Angle Contact : CM02A-ASC-1820
P/N
Applicable Cable
Conductor Size
Outside Dia.
A set of plug : CM02A-8DP5S-D(03)
AWG18 - AWG20
φ 7.2mm - φ 7.9mm
Contents
Body : CM02A-8DP5S-D(03)-0
Angle Contact : CM02A-ASC-1820
A set of plug consists of 1 body, 1 straight contact and 4 angle contacts
A soldering style is also available.
P/N : CM02A-8DP5S-D(02)(D4)  
Applicable Cable : AWG16 max. conductor size φ 6.5mm - φ 7.2mm outside dia.
A set of plug consists of 1 body and 4 angle contacts
Section A−A
A
A
(Contact No.2)
(Contact No.4)
(Contact No.3)
(Contact No.5)
White
Black
Red
Blue
54
M12×1 Thread
(Contact No.1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com