Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5625 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2SC5625
Description  SILICON EPITAXIAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC5625 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2SC5625 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC5625 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SC5625 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SC5625 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5 625
シリコンNPNエピタキシァル形
低周波電力増幅用
コレクタ・エミッタ間飽和電圧−コレクタ電流特性
0.01
0.1
1
0.1
1
10
100
コレクタ電流 IC(mA)
Ta=100℃
Ta=25℃
Ta=-25℃
IC/IB=10/1
エミッタ接地伝達特性
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
ベース・エミッタ間電圧 VBE(V)
VCE=10V
Ta=100℃
Ta=25℃
Ta=-25℃
標準特性
直流電流増幅率−コレクタ電流特性
1
10
100
1000
0.1
1
10
100
コレクタ電流 IC(mA)
Ta=100℃
Ta=25℃
Ta=-25℃
VCE=10V
コレクタ損失−周囲温度特性
0
50
100
150
200
250
0
25
50
75
100
125
周囲温度 Ta(℃)
エミッタ接地出力特性(1)
0
10
20
30
02
46
8
10
コレクタ・エミッタ間電圧 VCE(V)
IB=50uA
IB=100uA
IB=200uA
IB=150uA
IB=250uA
Ta=25℃
エミッタ接地出力特性(2)
0
4
8
12
16
20
0
2040
6080
100
コレクタ・エミッタ間電圧 VCE(V)
IB=10uA
IB=0
IB=20uA
IB=30uA
IB=40uA
IB=50uA
IB=60uA
IB=70uA
IB=80uA
IB=90uA
IB=100uA
IB=110uA
IB=120uA
IB=130uA
IB=140uA
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com