Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27C010 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT27C010
Description  CMOS 128K X 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C010 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT27C010 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C010 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HT27C010
Rev. 1.10
5
November 21, 2002
Functional Description
Programming of the HT27C010
When the HT27C010 is delivered, the chip has all
1024K bits in the
²ONE², or HIGH state. ²ZEROs² are
loaded into the HT27C010 through programming.
The programming mode is entered when 12.5
±0.2V is ap-
plied to the VPP pin, OE is at VIH, and CE and PGM are
VIL. For programming, the data to be programmed is ap-
plied with 8 bits in parallel to the data pins.
The programming flowchart in Figure 3 shows the fast
interactive programming algorithm. The interactive al-
gorithm reduces programming time by using 30
msto
105
ms programming pulses and giving each address
only as many pulses as is necessary in order to reliably
program the data. After each pulse is applied to a given
address, the data in that address is verified. If the data
is not verified, additional pulses are given until it is veri-
fied or until the maximum number of pulses is reached
while sequencing through each address of the
HT27C010. This process is repeated while sequencing
through each address of the HT27C010. This part of
the programming algorithm is done at VCC=6.0V to as-
sure that each EPROM bit is programmed to a suffi-
ciently high threshold voltage. This ensures that all bits
have sufficient margin. After the final address is com-
pleted, the entire EPROM memory is read at
VCC=VPP=5.25
±0.25V to verify the entire memory.
Program inhibit mode
Programming of multiple HT27C010 in parallel with dif-
ferent data is also easily accomplished by using the Pro-
gram Inhibit Mode. Except for CE, all like inputs of the
parallel HT27C010 may be common. A TTL low-level
program pulse applied to an HT27C010 CE input with
VPP=12.5
±0.2V, PGM LOW, and OE HIGH will program
that HT27C010. A high-level CE input inhibits the
HT27C010 from being programmed.
Program verify mode
Verification should be performed on the programmed
bits to determine whether they were correctly pro-
grammed. The verification should be performed with OE
and CE at VIL, PGM at VIH, and VPP at its programming
voltage.
Auto product identification
The Auto Product Identification mode allows the reading
out of a binary code from an EPROM that will identify its
manufacturer and the type. This mode is intended for
programming to automatically match the device to be
programmed with its corresponding programming algo-
rithm. This mode is functional in the 25
°C±5°C ambient
temperature range that is required when programming
the HT27C010.
To activate this mode, the programming equipment
must force 12.0
±0.5V on the address line A9 of the
HT27C010. Two identifier bytes may then be se-
quenced from the device outputs by toggling address
line A0 from VIL to VIH, when A1=VIH. All other address
lines must be held at VIH during Auto Product Identification
mode.
Byte 0 (A0=VIL) represents the manufacturer code, and
byte 1 (A0=VIH), the device code. For HT27C010, these
two identifier bytes are given in the Operation mode truth
table. All identifiers for the manufacturer and device codes
will possess odd parity, with the MSB (DQ7) defined as the
parity bit. When A1=VIL, the HT27C010 will read out the bi-
nary code of 7F, continuation code, to signify the unavail-
ability of manufacturer ID codes.
Read mode
The HT27C010 has two control functions, both of which
must be logically satisfied in order to obtain data at out-
puts. Chip Enable (CE) is the power control and should
be used for device selection. Output Enable (OE)isthe
output control and should be used to gate data to the
output pins, independent of device selection. Assuming
that addresses are stable, address access time (tACC)is
equal to the delay from CE to output (tCE). Data is avail-
able at the outputs (tOE) after the falling edge of OE,as-
suming the CE has been LOW and addresses have
been stable for at least tACC
-tOE.
Standby mode
The HT27C010 has CMOS standby mode which re-
duces the maximum VCC current to 10
mA. It is placed in
CMOS standby when CE is at VCC
±0.3V. The
HT27C010 also has a TTL-standby mode which re-
duces the maximum VCC current to 1.0mA. It is placed
in TTL-standby when CE is at VIH. When in standby
mode, the outputs are in a high-impedance state, inde-
pendent of the OE input.
Two-line output control function
To accommodate multiple memory connections, a
two-line control function is provided to allow for:
· Low memory power dissipation
· Assurance that output bus contention will not occur
It is recommended that CE be decoded and used as the
primary device-selection function, while OE be made a
common connection to the READ line from the system
control bus. This assures that all deselected memory
devices are in their low-power standby mode and that
the output pins are only active when data is desired from
a particular memory device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com