Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G86DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G86DP
Description  Dual 2-input exclusive-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G86DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G86DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G86DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9397 750 14506
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 7 February 2005
8 of 15
Philips Semiconductors
74LVC2G86
Dual 2-input exclusive-OR gate
[1]
All typical values are measured at Tamb =25 °C.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of switching inputs;
∑(C
L × VCC
2
× f
o) = sum of outputs.
[3]
The condition is VI = GND to VCC.
13. Waveforms
Tamb = −40 °C to +125 °C
tPHL,
tPLH
propagation delay inputs nA, nB
to outputs nY
see Figure 6
VCC = 1.65 V to 1.95 V
1.4
3.8
12.4
ns
VCC = 2.3 V to 2.7 V
0.8
2.5
7.2
ns
VCC = 2.7 V
0.8
3.0
7.2
ns
VCC = 3.0 V to 3.6 V
0.8
2.3
5.9
ns
VCC = 4.5 V to 5.5 V
0.6
1.9
4.5
ns
Table 9:
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 7.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Measurement points are given in Table 10.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6.
Propagation delay input (nA, nB) to output (nY)
Table 10:
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× VCC
0.5
× VCC
2.3 V to 2.7 V
0.5
× V
CC
0.5
× V
CC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com