Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G240DP Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74LVC2G240DP
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G240DP Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74LVC2G240DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 13Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 14Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 15Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 16Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 17Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 18Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 19Page - NXP Semiconductors 74LVC2G240DP Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
2003 Mar 11
19
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V tolerant
inputs/outputs; inverting; 3-state
74LVC2G240
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com