Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G86DC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC2G86DC
Description  Dual 2-input exclusive-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G86DC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G86DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 11Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 12Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 13Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 14Page - NXP Semiconductors 74LVC2G86DC Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
9397 750 14506
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 7 February 2005
11 of 15
Philips Semiconductors
74LVC2G86
Dual 2-input exclusive-OR gate
Fig 9.
Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com