Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP033 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP033
Description  1.5A Low Dropout Positive Fixed-Mode Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP033 Datasheet(HTML) 2 Page - Anachip Corp

  AP033 Datasheet HTML 1Page - Anachip Corp AP033 Datasheet HTML 2Page - Anachip Corp AP033 Datasheet HTML 3Page - Anachip Corp AP033 Datasheet HTML 4Page - Anachip Corp AP033 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.5A Low Dropout Positive Fixed-Mode Regulator
AP033
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
2/5
Block Diagram
1
THERMAL
SHUTDOWN
2
3 Vout
GND
1.25V
+
+
CURRENT
LIMIT
Vin
+
-
+
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 14
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics (Under Operating Conditions)
Parameter
Conditions
Min. Typ. Max. Units
Output Voltage
VIN = 5V, IOUT = 0mA, TJ = 25
oC
4.7V<VIN<12V, 0<IOUT<1.5A
3.267
3.235
3.300
3.300
3.333
3.365
V
V
Line Regulation
4.7V<VIN<12V, IOUT = 0mA, TJ=25
oC
0.5
1.0
10
10
mV
mV
Load Regulation
VIN = 5V, 0<IOUT<1.5A, TJ=25
oC (Notes1.2)
3
8
15
33
mV
mV
Dropout Voltage
(VIN-VOUT)
∆VOUT, ∆VREF = 1%, IOUT =1.5A (Note 3)
1.3
1.4
V
Current Limit
(VIN-VOUT)>1.4V, ∆VOUT=100mV (Note 4)
1.6
A
Quiescent Current
VIN <12V
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008 0.04
%/W
F=120Hz, COUT=25uF Tantalum, IOUT=1.5A
Ripple Rejection
AP033
VIN=6.3V
60
72
dB
Temperature Stability
0.5
%
Thermal Resistance
Junction-to-Ambient
(No heat sink ;No air
flow)
TO-252
101
oC/W
Thermal Resistance
Junction-to-Case
TO-252: Control Circuitry/Power Transistor
10
oC/W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 2W. Power dissipation is determined by the
input/output differential and the output current.
Note 3: Dropout voltage is specified over the full output current range of the device.
Note 4: AP033 is guaranteed to operate at higher peak current than 1.6 Amp. See the thermal regulation specifications for changes in
output voltage due the heating effects.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com