Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP033D Datasheet(PDF) 4 Page - Anachip Corp

Part # AP033D
Description  1.5A Low Dropout Positive Fixed-Mode Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP033D Datasheet(HTML) 4 Page - Anachip Corp

  AP033D Datasheet HTML 1Page - Anachip Corp AP033D Datasheet HTML 2Page - Anachip Corp AP033D Datasheet HTML 3Page - Anachip Corp AP033D Datasheet HTML 4Page - Anachip Corp AP033D Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1.5A Low Dropout Positive Fixed-Mode Regulator
AP033
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
4/5
Typical Performance Characteristics
Dropout Voltage (VIN-VOUT)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
200
400
600
800
Output Current (mA)
TJ=25
oC
TJ=125
oC
Load Regulation
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-25
0
25
50
75
100
Temperature(oC)
ILOAD=1.5A
Temperature Stability
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
Temperature (oC)
Line regulation
0
0.2
0.4
0.6
0.8
1
57
9
11
13
15
Input Voltage(V)
AP033 Load Transient Re sponse
-30
-20
-10
0
10
20
30
0
10
203040
50
607080
90
100
-1
0
1
2
0
1020
30
4050
6070
80
90
100
TIME(µs)
C
IN = 10µ F
C
OU T= 10µ F T antalum
V
IN =4.8V
Preload= 0.1A
AP033 Line Tra nsie nt Re sponse
4.5
5.5
6.5
7.5
0
20
40
60
80
100 120 140 160 180 200
CIN= 1µ F
COUT= 10µ F Tantalum
-40
-20
0
20
40
0
20
40
60
80
100 120 140 160 180 200
TIME(µs )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com