Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1212B Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1212B
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1212B Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1212B Datasheet HTML 17Page - Seiko Instruments Inc S1212B Datasheet HTML 18Page - Seiko Instruments Inc S1212B Datasheet HTML 19Page - Seiko Instruments Inc S1212B Datasheet HTML 20Page - Seiko Instruments Inc S1212B Datasheet HTML 21Page - Seiko Instruments Inc S1212B Datasheet HTML 22Page - Seiko Instruments Inc S1212B Datasheet HTML 23Page - Seiko Instruments Inc S1212B Datasheet HTML 24Page - Seiko Instruments Inc S1212B Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-1212B/D Series
21
7. Current consumption during operation vs. Input voltage (When ON / OFF pin is ON, no load)
7. 1 VOUT = 2.5 V
7. 2 VOUT = 5.0 V
6
1218243036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
150C
Tj =
25C
Tj =
40C
6
1218243036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
150C
Tj =
25C
Tj =
40C
7. 3 VOUT = 16.0 V
6
1218243036
0
50.0
0.0
VIN [V]
40.0
30.0
20.0
10.0
Tj =
150C
Tj =
25C
Tj =
40C
8. Current consumption during operation vs. Junction temperature
8. 1 VOUT = 2.5 V
VIN = 18.0 V
8. 2 VOUT = 5.0 V
VIN = 18.0 V
25
50
75
100
125
150
0
10.0
0.0
Tj [
C]
8.0
6.0
4.0
2.0
25
50
75
100
125
150
0
10.0
0.0
Tj [
C]
8.0
6.0
4.0
2.0
8. 3 VOUT = 16.0 V
VIN = 18.0 V
25
50
75
100
125
150
0
10.0
0.0
Tj [
C]
8.0
6.0
4.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com