Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1740 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1740
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1740 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1740 Datasheet HTML 17Page - Seiko Instruments Inc S1740 Datasheet HTML 18Page - Seiko Instruments Inc S1740 Datasheet HTML 19Page - Seiko Instruments Inc S1740 Datasheet HTML 20Page - Seiko Instruments Inc S1740 Datasheet HTML 21Page - Seiko Instruments Inc S1740 Datasheet HTML 22Page - Seiko Instruments Inc S1740 Datasheet HTML 23Page - Seiko Instruments Inc S1740 Datasheet HTML 24Page - Seiko Instruments Inc S1740 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
Rev.1.2_00
S-1740/1741 Series
21
Typical Application in S-1740/1741 Series A / C Type
Figure 20 shows the circuit diagram of the typical application in the S-1740/1741 Series A / C type, and Figure 21 shows
the timing chart.
As shown in Figure 20, connect the PMOUT pin to an analog input pin (AIN pin) of the A/D converter in the
microcontroller. The microcontroller can monitor the battery voltage by inputting the output voltage (VPMOUT) to the A/D
converter.
The input voltage from the battery is converted to output voltage by the regulator operation, and the microcontroller starts
driving with the voltage. The power monitoring output can be controlled by inputting "H" and "L" signals output from the
microcontroller I/O pin to the PMEN pin. Control the power monitoring output according to the A/D converter operation
timing.
When inputting "H" to the PMEN pin in the S-1740/1741 Series A type, or "L" to the PMEN pin in the C type, the
microcontroller monitors the battery voltage. The IC current consumption can be minimized by inputting "L" to the PMEN
pin in the S-1740/1741 Series A type, or "H" to the PMEN pin in the C type when battery voltage is not monitored.
Battery
S-1740/1741 Series
A / C type
VOUT
VIN
PMEN
VSS
PMOUT
Microcontroller
VDD
AIN
A/D
converter
VSS
CPM
CL
CIN
I/O
Figure 20
VPMOUT
VPMOUT(S)
+ VPOF
Voltage monitoring timing
tPU
tPU
tPU
VPMEN
Example of active "H"
Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com