Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5718 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S5718 Datasheet HTML 17Page - Seiko Instruments Inc S5718 Datasheet HTML 18Page - Seiko Instruments Inc S5718 Datasheet HTML 19Page - Seiko Instruments Inc S5718 Datasheet HTML 20Page - Seiko Instruments Inc S5718 Datasheet HTML 21Page - Seiko Instruments Inc S5718 Datasheet HTML 22Page - Seiko Instruments Inc S5718 Datasheet HTML 23Page - Seiko Instruments Inc S5718 Datasheet HTML 24Page - Seiko Instruments Inc S5718 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LOWVOLTAGEOPERATIONOMNIPOLAR/UNIPOLARDETECTIONTYPEHALLEFFECTSWITCHICWITHSWITCHABLEDETECTIONPOLEFUNCTION
Rev.1.1_00
S-5718 Series
21
3. Magnetic sensitivity
3. 1 S-5718xxSx0
3. 1. 1 Operation point, release point (BOP, BRP)
vs. Temperature (Ta)
3. 1. 2 Operation point, release point (BOP, BRP)
vs. Power supply voltage (VDD)
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
−40
+85
−25
0
+25
+50
+75
Ta [
°C]
VDD = 1.8 V
BRPS
BRPN
BOPN
BOPS
6.0
4.0
2.0
0.0
−2.0
−6.0
−4.0
1.0
4.0
2.0
1.5
2.5
3.0
3.5
VDD [V]
Ta =
+25
°C
BOPS
BRPS
BRPN
BOPN
3. 2 S-5718xxWx1
3. 2. 1 Operation point, release point (BOP, BRP)
vs. Temperature (Ta)
3. 2. 2 Operation point, release point (BOP, BRP)
vs. Power supply voltage (VDD)
6.0
4.0
2.0
0.0
2.0
4.0
6.0
40
85
25
0
25
50
75
Ta [
C]
VDD = 1.8 V
BRPS
BRPN
BOPN
BOPS
6.0
4.0
2.0
0.0
2.0
6.0
4.0
1.0
4.0
2.0
1.5
2.5
3.0
3.5
VDD [V]
Ta =
+25°C
BOPS
BRPS
BRPN
BOPN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com