Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX602 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASX602
Description  400 ~ 3000 MHz MMIC Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX602 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASX602 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASX602
400 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +11 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 59.5x39.5 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
TION CIR-
CUIT
Frequency (MHz)
1626.5
1660.5
Magnitude S21 (dB)
11.9
11.0
Magnitude S11 (dB)
-25.0
-25.0
Magnitude S22 (dB)
-25.0
-25.0
Output P1dB (dBm)
35.0
35.2
Output IP31) (dBm)
39
38
Noise Figure (dB)
6.0
6.6
Device Voltage (V)
+5
+5
Current (mA)
1100
1100
1626.5 ~ 1660.5 MHz
+5 V
*Coupler: RN2, RCP1850A03
RF IN
RF OUT
R1=51
ASX602
ASX602
*Coupler
Vsupply=+5 V
C12=1
F
C11=100 pF
Vsupply=+5 V
C6=1
F
C5=100 pF
*Coupler
C1=100 pF
C3=4.7 pF
2.5 mm
R3=15
k
C7=100 pF
C9=4.7 pF
C4=3 pF
C2=100 pF
L1=68 nH
(Coil Inductor)
1.5 mm
R4=15
k
C8=100 pF
L2=68 nH
(Coil Inductor)
C10=3 pF
R2=51
1.5 mm
2.5 mm
1400
1500
1600
1700
1800
0
5
10
15
20
Frequency (MHz)
1400
1500
1600
1700
1800
-40
-30
-20
-10
0
Frequency (MHz)
1400
1500
1600
1700
1800
-40
-30
-20
-10
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com