Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2200SQLT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2200SQLT1G
Description  Low Voltage Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2200SQLT1G Datasheet HTML 1Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 2Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 3Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 4Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 5Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 6Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 7Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 18
1
Publication Order Number:
NCS2200/D
NCS2200, NCS2200A,
NCV2200, NCS2202A
Low Voltage Comparators
The NCS2200 Series is an industry first sub−one volt, low power
comparator family. These devices consume only 10
mA of supply
current. They are guaranteed to operate at a low voltage of 0.85 V
which allows them to be used in systems that require less than 1.0 V
and are fully operational up to 6.0 V which makes them convenient for
use in both 3.0 V and 5.0 V systems. Additional features include no
output phase inversion with overdriven inputs, internal hysteresis,
which allows for clean output switching, and rail−to−rail input and
output performance. The NCS2200 Series is available in
complementary and open drain outputs and a variety of packages.
There are two industry standard pinouts for SOT−23−5 and
SC70−5 packages. The NCS2200 is also available in the tiny DFN
2x2.2 package. The NCS2200A and NCS2202A are available in
UDFN 1.2x1.0 package. See package option information in Table 1 on
page 2 for more information.
Features
• Operating Voltage of 0.85 V to 6.0 V
• Rail−to−Rail Input/Output Performance
• Low Supply Current of 10 mA
• No Phase Inversion with Overdriven Input Signals
• Glitchless Transitioning in or out of Tri−State Mode
• Complementary or Open Drain Output Configuration
• Internal Hysteresis
• Propagation Delay of 1.0 ms for NCS2200
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
Typical Applications
• Single Cell NiCd/NiMH Battery Powered Applications
• Automotive
End Products
• Cellphones, Smart Phones
• Alarm and Security Systems
• Personal Digital Assistants
DFN 2x2.2
SQL SUFFIX
CASE 488
SOT−23−5 (TSOP−5)
SN SUFFIX
CASE 483
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 14 of this data sheet.
DEVICE MARKING INFORMATION
www.onsemi.com
SC70−5
SQ SUFFIX
CASE 419A
5
1
1
6
5
1
UDFN 1.2x1.0
MU SUFFIX
CASE 517AA
1


Similar Part No. - NCS2200SQLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
128Kb / 19P
Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
169Kb / 17P
Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200SQLT1G ONSEMI-NCS2200SQLT1G Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCS2200SQLT1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
Low Voltage Comparators
August, 2006 ??Rev. 8
logo
Texas Instruments
LMV331 TI-LMV331_05 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
Comparators: Low Voltage CMOS
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
Low Voltage Comparators
August, 2010 ??Rev. 10
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
logo
ON Semiconductor
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
Low Voltage Comparators
August, 2014 ??Rev. 16
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
Low Power Low Offset Voltage Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com