Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES521 Datasheet(PDF) 13 Page - Winbond

Part # ES521
Description  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES521 Datasheet(HTML) 13 Page - Winbond

Back Button ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond ES521 Datasheet HTML 10Page - Winbond ES521 Datasheet HTML 11Page - Winbond ES521 Datasheet HTML 12Page - Winbond ES521 Datasheet HTML 13Page - Winbond ES521 Datasheet HTML 14Page - Winbond ES521 Datasheet HTML 15Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Preliminary
ES521 Schematics
Connectors and clock generation
C17
1uf
RB2
TP4
DGND
1
U3B
SN74LV125AD
5
6
14
4
7
2
1
D1
LED
J7
PJ_202A_POWER_JACK
1
2
3
1
2
3
R16
3.6K
VCCD
RB2
Single point
connection
close to J1
P1
CONNECTOR DB2 5
13
25
12
24
11
23
10
22
9
21
8
20
7
19
6
18
5
17
4
16
3
15
2
14
1
C22
0.01uf
VCCD
U6
B500CT3E 13.824
MHZ
1
5
4
8
1 NC
OUT
VSS
VCC
VCCD
WS_1
TP5
AGND
1
C14
100uf @ 20V
U3C
SN74LV125AD
9
8
14
10
7
RAC_1
C19
0.1uf
SDA_1
R7
1K
C16
0.1uf
RB1
C18
0.01uf
+
U7
PIC16F84A-20P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
RA2
RA3
RA4
MCLR
VSS
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
VDD
OSC2
OSC1
RA0
RA1
SW2
SPDT SWITCH
1
2
3
1
2
3
-
+
SCK_1
C21
0.1uf
R8
1K
U4
NJU7201L30
1
2
3
VSS (GND)
IN
3V OUT
U3D
SN74LV125AD
12
11
14
13
7
RB3
C15
1uf
C13
0.1uf
+
VCCD
U3A
SN74LV125AD
2
3
14
1
7
J8
HEADER 2
1
2
RB0
C12
0.1uf
USE FREE
TRACK
TO SHORT(.156)
TP8
DGND
1
MCLK_1
TP6
DGND
1
VCCD
+
C20
0.01uf
C23
0.1uf
+9VDC
SCL_1
TP3
AGND
1
RB0
TP2
DGND
1
VCCD
RB3
U5
B500CT3E
20.480
MHZ
1
5
4
8
1 NC
OUT
VSS
VCC
J6
9V BATT HOLDER
1
2
9V
Cell
R9
470
VCCA
VCCD
RAC_2
TP7
AGND
1
DC POWER JACK w SW
J9
HEADER 3
1
2
3
MCLK_1
TP1
AGND
1
RB1
U2
NJU7201L30
1
2
3
VSS (GND)
IN
3V OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com