Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # KTA1663
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1663 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1663 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1663 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1663 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1663 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-200
-400
-600
-800
-1000
-1200
-0
-300
-600
-900
-1200
-1500
-0.1
-1
-10
10
100
1000
-0
-20
-40
-60
-80
-100
0
30
60
90
120
150
-1
-10
-100
-1000
10
100
1000
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
-1
-10
-100
-1000
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1000
-0
-100
-200
-300
-400
-500
-600
-0
-1
-2
-3
-4
-5
-6
-0
-200
-400
-600
-800
-1000
V
CE=-2V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C
——
V
BE
-20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=-10V
T
a=25
oC
I
C
f
T
——
V
CE= -2V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
-1500
AMBIENT TEMPERATURE T
a
( )
℃
P
c
——
T
a
-1500
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=50
I
C
V
BEsat
——
-1500
T
a=25
℃
T
a=100
℃
β=50
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
-4.0mA
-3.6mA
-3.2mA
-2.8mA
COMMON
EMITTER
T
a=25
℃
-1.6mA
-2.4mA
-2.0mA
-1.2mA
-0.8mA
I
B=-0.4mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
Typical Characteristics
C
C
www.cj-elec.com
2
D,Nov,2015
E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com