Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX10GP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPX10GP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX10GP Datasheet(HTML) 2 Page - Motorola, Inc

  MPX10GP Datasheet HTML 1Page - Motorola, Inc MPX10GP Datasheet HTML 2Page - Motorola, Inc MPX10GP Datasheet HTML 3Page - Motorola, Inc MPX10GP Datasheet HTML 4Page - Motorola, Inc MPX10GP Datasheet HTML 5Page - Motorola, Inc MPX10GP Datasheet HTML 6Page - Motorola, Inc MPX10GP Datasheet HTML 7Page - Motorola, Inc MPX10GP Datasheet HTML 8Page - Motorola, Inc MPX10GP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 670 page
background image
ii
DATA CLASSIFICATION
Product Preview
This heading on a data sheet indicates that the device is in the formative stages or in design (under development).
The disclaimer at the bottom of the first page reads: “This document contains information on a product under develop-
ment. Motorola reserves the right to change or discontinue this product without notice.”
Advance or Preliminary Information
This heading on a data sheet indicates that the device is in sampling, preproduction, or first production stages. The
disclaimer at the bottom of the first page reads: “This document contains information on a new product. Specifications
and information herein are subject to change without notice.”
Fully Released
A fully released data sheet contains neither a classification heading nor a disclaimer at the bottom of the first page.
This document contains information on a product in full production. Guaranteed limits will not be changed without
written notice to your local Motorola Semiconductor Sales Office.
MOTOROLA DEVICE CLASSIFICATIONS
In an effort to provide up-to-date information to the customer regarding the status of any given device, Motorola has
classified all devices into three categories: Preferred devices, Current products and Not Recommended for New
Design products.
A Preferred type is a device which is recommended as a first choice for future use. These devices are “preferred”
by virtue of their performance, price, functionality, or combination of attributes which offer the overall “best” value to
the customer. This category contains both advanced and mature devices which will remain available for the fore-
seeable future.
Preferred devices in the Data Sheet sections are
identified as a “Motorola Preferred Device.’’
Device types identified as “current” may not be a first choice for new designs, but will continue to be available
because of the popularity and/or standardization or volume usage in current production designs. These products can
be acceptable for new designs but the preferred types are considered better alternatives for long term usage.
Any device that has not been identified as a “preferred device” is a “current” device.
Products designated as “Not Recommended for New Design” may become obsolete as dictated by poor market
acceptance, or a technology or package that is reaching the end of its life cycle. Devices in this category have an
uncertain future and do not represent a good selection for new device designs or long term usage.
The Sensor Data Book does not contain any
“Not Recommended for New Design” devices.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com