Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53DP Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPX53DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX53DP Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPX53DP Datasheet HTML 6Page - Motorola, Inc MPX53DP Datasheet HTML 7Page - Motorola, Inc MPX53DP Datasheet HTML 8Page - Motorola, Inc MPX53DP Datasheet HTML 9Page - Motorola, Inc MPX53DP Datasheet HTML 10Page - Motorola, Inc MPX53DP Datasheet HTML 11Page - Motorola, Inc MPX53DP Datasheet HTML 12Page - Motorola, Inc MPX53DP Datasheet HTML 13Page - Motorola, Inc MPX53DP Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 670 page
background image
1–4
Motorola Sensor Device Data
www.motorola.com/semiconductors
frequencies of an event to established confidence intervals.
The relationship between failure rate and the chi-square
distribution is as follows:
l
L1 +
x2 a, d.f.
2t
Where:
λ =
failure rate
L1
=
lower one side confidence limit
χ2 =
chi–square function
α =
risk, (1–confidence level)
d.f.
=
degrees of freedom = 2 (r + 1)
r
=
number of failures
t
=
device hours
Chi-square values for 60% and 90% confidence intervals
for up to 12 failures is shown in Table 1.
As indicated by the table, when no failures occur, an
estimate for the chi-square distribution interval is obtainable.
This interval estimate can then be used to solve for the
failure rate, as shown in the equation above. If no failures
occur, the failure rate estimate is solely a function of the
accumulated device hours. This estimate can vary dramati-
cally as additional device hours are accumulated.
As a means of showing the influence of device hours with
no failures on the failure rate value, a graphical representa-
tion of cumulative device hours versus the failure rate
measured in FITs is shown in Figure 1.
A descriptive example between two potential vendors best
serves to demonstrate the point. If vendor A is introducing a
new product and they have put a total of 1,000 parts on a
high temperature storage test for 500 hours each, their
corresponding cumulative device hours would be 500,000
device hours. Vendor B has been in the business for several
years on the same product and has tested a total of 500,000
parts for 10 hours each to the same conditions as part of an
in-line burn-in test for a total of 5,000,000 device hours. The
corresponding failure rate for a 60% confidence level for
vendor A would be 1,833 FITs, vendor B would have a FIT
rate of 183 FITs.
Table 1. Chi-Square Table
Chi-Square Distribution Function
60% Confidence Level
90% Confidence Level
No. Fails
χ2 Quantity
No. Fails
χ2 Quantity
0
1.833
0
4.605
1
4.045
1
7.779
2
6.211
2
10.645
3
8.351
3
13.362
4
10.473
4
15.987
5
12.584
5
18.549
6
14.685
6
21.064
7
16.780
7
23.542
8
18.868
8
25.989
9
20.951
9
28.412
10
23.031
10
30.813
11
25.106
11
33.196
12
27.179
12
35.563
CUMULATIVE DEVICE HOURS, [t]
105
108
107
109
104
100
10
1
0.1
1,000
106
1
10
100
1,000
104
105
106
107
108
109
Figure 1. Depiction of the influence on the cumulative device hours with no failures
and the Failure Rate as measured in FITs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com