Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB104 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9DB104
Description  Four Output Differential Buffer for PCI-Express
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB104 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9DB104 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 9Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 10Page - Integrated Circuit Systems ICS9DB104 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS9DB104
0767C—07/19/04
SMBus Table: Frequency Select Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
RW
driven
Hi-Z
0
Bit 6
RW
driven
Hi-Z
0
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW High BW Low BW
1
Bit 1
RW
fan-out
ZDB
1
Bit 0
RW
div /2
x1
1
SMBus Table: Output Control Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
RW
1
Bit 6
DIF_6
Output
Control
RW
Disable
Enable
1
Bit 5
DIF_5
Output
Control
RW
Disable
Enable
1
Bit 4
RW
1
Bit 3
RW
1
Bit 2
DIF_2
Output
Control
RW
Disable
Enable
1
Bit 1
DIF_1
Output
Control
RW
Disable
Enable
1
Bit 0
RW
1
SMBus Table: Output Control Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
RW
0
Bit 6
DIF_6
Output
Control
RW
Free-run Stoppable
0
Bit 5
DIF_5
Output
Control
RW
Free-run Stoppable
0
Bit 4
RW
0
Bit 3
RW
0
Bit 2
DIF_2
Output
Control
RW
Free-run Stoppable
0
Bit 1
DIF_1
Output
Control
RW
Free-run Stoppable
0
Bit 0
RW
0
Byte 0
-
PD# drive mode
-
SRC_Stop# drive
-
Reserved
Reserved
-
Reserved
Reserved
-
Reserved
Reserved
-
PLL_BW# adjust
-
BYPASS#/PLL
-
SRC_DIV#
Byte 1
-
23,22
20,19
-
-
9,10
6,7
-
Byte 2
-
23,22
20,19
-
-
9,10
6,7
-
Reserved
Reserved
Reserved
User should write '0'
to minimize power
Reserved
User should write '0'
to minimize power
Reserved
User should write '0'
to minimize power
Reserved
User should write '0'
to minimize power
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com