Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1526GLF Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS1526GLF
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1526GLF Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS1526GLF Datasheet HTML 3Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 4Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 5Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 6Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 7Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 8Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 9Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 10Page - Integrated Circuit Systems ICS1526GLF Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MDS1526 I
11
Revision 020304
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 6 Package Outline and Package Dimensions
ICS1526 Preliminary Data Sheet
Section 6 Package Outline and Package Dimensions
16-pin TSSOP 4.40 mm body, 0.65 mm pitch
Package dimensions are kept current with JEDEC Publication No. 95
Section 7 Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS1526GLF
1526GLF
Tubes
16-pin TSSOP
0 to +70
° C
ICS1526GLFTR
1526GLF
Tape & Reel
16-pin TSSOP
0 to +70
° C
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com