Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G920CT25U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G920CT25U
Description  150mA Micro-power LDO Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G920CT25U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G920CT25U Datasheet HTML 1Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 2Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 3Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 4Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 5Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 6Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ver 0.0 Preliminary
Mar 27, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G920
Global Mixed-mode Technology Inc.
ABSOLUTE MAXIMUM RATINGS
VIN to GND…………………………………..-0.3V to +7V
Output Short-Circuit Duration………………….….Infinite
ADJ to GND.…………………………....…..-0.3V to +7V
EN to GND……………………..……..…….-0.3V to +7V
EN to IN….…………………………………..-7V to +0.3V
OUT to GND………………………..-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C).…..571 mW
Operating Temperature Range…………-40°C to +85°C
Junction Temperature……………………….……+150°C
θJA….…..……………….…………….…..…..140°C/Watt
Storage Temperature Range………….-65°C to +160°C
Lead
Temperature
(soldering,
10sec)..………….+300°C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN = +3.6V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS
Input Voltage (Note 2)
VIN
3.6
6.5
V
Output Voltage
VOUT
0mA
≤ IOUT ≤ 150mA, ADJ = GND
3.234 3.300 3.366
V
Adjustable Output Voltage Range (Note 3)
VOUT
VSET
6.5
V
Maximum Output Current
150
mA
Current Limit (Note 4)
ILIM
250
mA
ILOAD = 0mA
55
120
Ground Pin Current
IQ
ADJ = GND
ILOAD = 50mA
145
µA
IOUT = 1mA
2
IOUT = 50mA
70
120
Dropout Voltage (Note 5)
IOUT = 150mA
230
mV
Line Regulation
∆VLNR
VIN=2.5V to 6.5V, ADJ tied to OUT,
IOUT = 1mA
0.1
%/V
ADJ = GND
0.011
Load Regulation
∆VLDR
IOUT = 0mA to 150mA
ADJ tied to OUT
0.006
%/mA
COUT = 1µF
210
Output Voltage Noise
10 Hz to 1MHz
COUT = 100µF
190
µVRMS
SHUTDOWN
VIH
Regulator enabled
2.8
EN Input Threshold
VIL
Regulator shutdown
0.4
V
TA = +25°C
3
100
EN Input Bias Current
IIH
VEN = VIN
TA = TMAX
5
nA
TA = +25°C
1
Shutdown Supply Current
IIL
VOUT = 0V
TA = TMAX
0.2
µA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
170
°C
Thermal Shutdown Hysteresis
∆TSHDN
20
°C
Note 1:Limits is 100% production tested at TA= +25°C. Limits over the operating temperature range are guar-
anteed through correlation using Statistical Quality Control (SQC) Methods.
Note 2:Guaranteed by line regulation test.
Note 3:Adjustable mode only.
Note 4:Not tested. For design purposes, the current limit should be considered 150mA minimum to 420mA maximum.
Note 5:The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT +2V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com