Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G920CT12U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G920CT12U
Description  150mA Micro-power LDO Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G920CT12U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G920CT12U Datasheet HTML 1Page - List of Unclassifed Manufacturers G920CT12U Datasheet HTML 2Page - List of Unclassifed Manufacturers G920CT12U Datasheet HTML 3Page - List of Unclassifed Manufacturers G920CT12U Datasheet HTML 4Page - List of Unclassifed Manufacturers G920CT12U Datasheet HTML 5Page - List of Unclassifed Manufacturers G920CT12U Datasheet HTML 6Page - List of Unclassifed Manufacturers G920CT12U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Ver 0.0 Preliminary
Mar 27, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G920
Global Mixed-mode Technology Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN=+3.6V, CIN=1µF, COUT=1µF, TA =25 °C, unless otherwise noted.)
Dropout Voltage vs. Load Current
Output Noise 10HZ to 1MHZ
Output Voltage vs. Load Current
Ground Current vs. Load Current
Output Voltage vs. Input Voltage
Supply Current vs. Input Voltage
Ground Current vs. Load Current
50
70
90
110
130
150
170
190
210
0
1020304050
60708090 100 110 120 130 140 150
Load Current (mA)
ILOAD = 0A
ILOAD = 50mA
Supply Current vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
110
120
130
01
23
4
5
67
Input Voltage (V)
Dropout Voltage vs. Load Current
0
20
40
60
80
100
120
140
160
180
200
220
240
0
1020 30405060 7080 90 100 110 120 130 140 150
Load Current (mA)
Output voltage vs. Load Current
3.291
3.294
3.297
3.300
3.303
3.306
3.309
3.312
3.315
0
10
20304050
60708090 100 110 120 130 140 150
Load Current (mA)
Output voltage vs. Load Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
23
45
6
Input Voltage (V)
No Load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com