Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM09-R25P Datasheet(PDF) 3 Page - DDK Ltd.

Part # CM09-R25P
Description  One-Touch Locking Styled , Small Sized Circular Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM09-R25P Datasheet(HTML) 3 Page - DDK Ltd.

  CM09-R25P Datasheet HTML 1Page - DDK Ltd. CM09-R25P Datasheet HTML 2Page - DDK Ltd. CM09-R25P Datasheet HTML 3Page - DDK Ltd. CM09-R25P Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unit:mm
CM09 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Mountig Dimensions
2
1
19
18
7
8
22
14
13
25
23
3
27
17.7
25.3
3.7
M24 1Thread
45
2-5(Panel Thikness)
CM09-R25P
Item
P/N
Receptacle for Pin Contacts
CM09-R25P
Receptacle for Socket Contacts
CM09-R25S
(Without contacts)
3
○ Receptacle
25Pin
32Pin
Item
P/N
Receptacle for Pin Contacts
CM09-R32P
Receptacle for Socket Contacts
CM09-R32S
29
32
31
30
23
28
29
24
18
17
10
4
3
11
5
1 2
45
CM09-R32P
1
2
3
4
5
10
11
17
18
23
24
28
29
30
31
32
29
CM09-R32S
25.3
17.7
M26 1.5Thread
Mountig Dimensions
2-5(Panel Thikness)
(Without contacts)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com