Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM09-R25S Datasheet(PDF) 4 Page - DDK Ltd.

Part # CM09-R25S
Description  One-Touch Locking Styled , Small Sized Circular Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM09-R25S Datasheet(HTML) 4 Page - DDK Ltd.

  CM09-R25S Datasheet HTML 1Page - DDK Ltd. CM09-R25S Datasheet HTML 2Page - DDK Ltd. CM09-R25S Datasheet HTML 3Page - DDK Ltd. CM09-R25S Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Unit:mm
CM09 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
4
○Dimensions, Mated
○Contacts
Cable Receptacle + Plug
CM09-CR25 □
CM09-P25 □
Receptacle  +  Plug
CM09-R25 □
CM09-P25 □
(116.5)
(71)
(116.5)
(71)
Item
Applicable Contact
P/N (100pcs/1 bag)
Applicable Wire
 Hand Tool
   P/N
Conductor Size
Pin Contact
CM09-#20PC-100
20 〜 22AWG
357J-50481T
CM09-#22PC-100
24 〜 28AWG
357J-50482T
Socket Contact
CM09-#20SC-100
20 〜 22AWG
357J-50481T
CM09-#22SC-100
24 〜 28AWG
357J-50482T
Reel Contacts for Semi-Automatic Tool
Item
Applicable Contact
P/N (10000pcs/1 reel)
Applicable Wire
Semi-Automatic
 Tool P/N
Conductor Size
Pin Contact
CM09-#20PC-10000
20 〜 22AWG
AP-A50457T
CM09-#22PC-10000
24 〜 28AWG
AP-A50458T
Socket Contact
CM09-#20SC-10000
20 〜 22AWG
AP-A50457T
CM09-#22SC-10000
24 〜 28AWG
AP-A50458T
■ Contact Removal Tool
P / N:357J-51374T
17.3
5.6
15.6
6
20.7
5.6
18.2
6
Note. The rose contact becomes the sales goods by 100/one bag.
Loose Contact
25.3
17.7
5以下(パネル厚)
M261.5ねじ
(107)
※寸法の文字の大きさは
 自由に調整して下さい。
Receptacle  +  Plug
CM09-R32 □
CM09-P32 □
25Pin
32Pin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com