Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM09-R32P Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM09-R32P
Description  One-Touch Locking Styled , Small Sized Circular Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM09-R32P Datasheet(HTML) 2 Page - DDK Ltd.

  CM09-R32P Datasheet HTML 1Page - DDK Ltd. CM09-R32P Datasheet HTML 2Page - DDK Ltd. CM09-R32P Datasheet HTML 3Page - DDK Ltd. CM09-R32P Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unit:mm
CM09 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
2
○Plug
○Cable Receptacle
Applicable Cable Outside Dia. : φ 11 〜 φ 12.5
Applicable Cable Outside Dia. : φ 11 〜 φ 12.5
Item
P/N
Plug for Pin Contacts
CM09-P25P
Plug for Socket Contacts
CM09-P25S
(Without contacts)
23
25
22
18
14
13
8
7
3
1
2
19
64
7
3
1
2
8
13
18
14
19
22
25
23
CM09-P25P
CM09-P25S
7
3
1
2
63.3
8
13
18
14
19
22
25
23
CM09-CR25S
23
25
22
18
14
13
8
7
3
1
2
19
CM09-CR25P
Item
P/N
Cable Receptacle for Pin Contacts
CM09-CR25P
Cable Receptacle for Socket Contacts CM09-CR25S
(Without contacts)
25Pin
32Pin
Item
P/N
Applicable Cable
Outside Dia.
Plug for Pin Contacts
CM09-P32P
φ7〜φ9
CM09-P32P-L
φ 9 〜φ 10.5
Plug for Socket Contacts
CM09-P32S
φ7〜φ9
CM09-P32S-L
φ 9 〜φ 10.5
2
32
31
30
23
28
29
24
18
17
10
4
11
5
(100)
1
2
3
4
5
10
11
17
18
23
24
28
29
30
31
32
CM09-P32P
CM09-P32S
3
1 2
Applicable Cable Outside Dia. : φ 7 〜 φ 10.5
(Without contacts)
25Pin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com