Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM09-R32S Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM09-R32S
Description  One-Touch Locking Styled , Small Sized Circular Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM09-R32S Datasheet(HTML) 1 Page - DDK Ltd.

  CM09-R32S Datasheet HTML 1Page - DDK Ltd. CM09-R32S Datasheet HTML 2Page - DDK Ltd. CM09-R32S Datasheet HTML 3Page - DDK Ltd. CM09-R32S Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
・Strong construction, using metal shells.
・One-touch mating and sure locking by
“Push-On & Turn-Off”mechanism.
・Sequence Structure With Protective Circuitry.
#20 size power contacs, making first
connections.
・High Reliability by crimping termination.
CM09 Series
One-Touch Locking Styled ,
Small Sized Circular Connectors
RoHS
Compliant
RoHS
Compliant
Current Rating  
1A / Contact
Voltage Rating
24V DC
Dielectric Withstanding Voltage  
1500V AC(r.m.s.) / 1 minute
Insulation Resistance
1,000M Ω Min. at 500V DC
Waterproof
IP67 when mated
Operating Temperature Range
-25° C to +70° C
No.of Contacts
25(#20-2 Pin , #22-23 Pin)
32(#20-2 Pin , #22-30 Pin)
Applicable Wire Size
#20 : 20AWG to 22AWG
#22 : 24AWG to 28AWG
Item
Receptacle
Plug
Cable Receptacle
25Pin
32Pin
25Pin
32Pin
25Pin
Insulator
     Plastic / Black
     Plastic / Black
Plastic / Black
Contact
     Copper Alloy / Gold Plating
     Copper Alloy / Gold Plating
Copper Alloy / Gold Plating
Shell
     Zinc Alloy / Nickel Plating
     Zinc Alloy / Nickel Plating
Zinc Alloy / Nickel Plating
Coupling Ring
     Zinc Alloy / Nickel Plating
Back Shell
Zinc Alloy/Nickel Plating Plastic / Black
Zinc Alloy / Nickel Plating
Bushing
     Synthetic Rubber/Black
Synthetic Rubber / Black
Cable Clamp
     Plastic / Black
Plastic / Black
Clamp Nut
Zinc Alloy/Nickel Plating Plastic / Black
Zinc Alloy / Nickel Plating
Hex. Nut
     Zinc Alloy / Nickel Plating
Gasket
     Synthetic Rubber / Black
O Ring
     Synthetic Rubber / Black
Synthetic Rubber / Black
Ground Plate
Copper Alloy/Gold Plating
      Copper Alloy / Gold Plating
Copper Alloy / Gold Plating
Screw
 Stainless Steel
Stainless Steel
Spring Pin
     Stainless Steel
     Stainless Steel
Stainless Steel
131210
Waterproof
IP 67
Lock Type
Push-ON
FEATURES
SPECIFICATION
MATERIAL/FINISH


Similar Part No. - CM09-R32S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM09-R25P DDK-CM09-R25P Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
CM09-R25S DDK-CM09-R25S Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
More results

Similar Description - CM09-R32S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04T DDK-CM04T Datasheet
179Kb / 2P
M12 Sized & Sealed Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Panasonic Semiconductor
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
Small-sized Side-operational SMD Light Touch Switches
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
One-touch / Screw Mating Compatible Circular Waterproof Connector
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
M12 Sized & Sealed Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com