Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22-08IO1M Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS22-08IO1M
Description  Phase Control Thyristors Electrically Isolated Tab
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS22-08IO1M Datasheet(HTML) 2 Page - IXYS Corporation

  CS22-08IO1M Datasheet HTML 1Page - IXYS Corporation CS22-08IO1M Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
CS 22
IXYS reserves the right to change limits, test conditions and dimensions
Symbol
Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM, VR = VRRM, VD = VDRM
5mA
V
T
I
T
= 30 A, T
VJ = 25°C
1.5
V
V
T0
For power-loss calculations only (T
VJ = 150°C)
0.9
V
r
T
18
m
V
GT
V
D = 6 V
T
VJ =
25°C
1.5
V
T
VJ = -40°C
2.5
V
I
GT
V
D = 6 V
T
VJ =
25°C
30
mA
T
VJ = -40°C
50
mA
V
GD
T
VJ = TVJM,
V
D =
2/
3 VDRM
0.2
V
I
GD
3mA
I
L
T
VJ = 25°C, tP = 10 µs
100
mA
I
G = 0.08 A, diG/dt = 0.08 A/µs
I
H
T
VJ = 25°C, VD = 6 V, RGK =
∞≤
80
mA
t
gd
T
VJ = 25°C, VD = ½ VDRM
2µs
I
G = 0.08 A, diG/dt = 0.08 A/µs
R
thJC
DC current
2.5
K/W
R
thCH
DC current
0.5
K/W
R
thJA
DC current
50
K/W
a
Max. acceleration, 50 Hz
50
m/s2
Package Outline
ØP
A
A1
H
A2
Q
L1
D
E
L
b
b1
c
e



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com