Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22-12IO1M Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS22-12IO1M
Description  Phase Control Thyristors Electrically Isolated Tab
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS22-12IO1M Datasheet(HTML) 1 Page - IXYS Corporation

  CS22-12IO1M Datasheet HTML 1Page - IXYS Corporation CS22-12IO1M Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
CS 22
IXYS reserves the right to change limits, test conditions and dimensions
Phase Control Thyristors
Electrically Isolated Tab
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
800
800
CS 22-08io1M
1200
1200
CS 22-12io1M
Symbol
Conditions
Maximum Ratings
I
T(AV)M
T
C = 85°C 180° sine
①
16
A
T
A = 25°C 180° sine
②
2.5
A
I
TSM
T
VJ = 45°C
t = 10 ms (50 Hz), sine
300
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
340
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
250
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
285
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
450
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
480
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
300
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
337
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 20 A
150
A/µs
f = 50Hz, t
P = 200µs
V
D =
2/
3 VDRM
I
G = 0.08 A
non repetitive, I
T = IT(AV)M
500
A/µs
di
G/dt = 0.08 A/µs
(dv/dt)
cr
T
VJ = TVJM,
V
DR =
2/
3 VDRM
1000
V/µs
R
GK =
∞, method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
10
W
I
T
= I
T(AV)M
t
P = 300 µs
5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
M
d
Mounting torque
M 3 or UNC 4-40
0.5-0.8
Nm
Weight
3g
Features
• Thyristor for frequencies up to 400Hz
• International standard package
• Epoxy meets UL 94V-0
• High performance glass passivated chip
• Long-term stability of leakage current
and blocking voltage
• Plasitc overmolded tab for electrical
isolation
Applications
• Motor control
• Power converter
• AC power controller
• Light and temperature control
• SCR for inrush current limiting in power
supplies or AC drive
Advantages
• Space and weight savings
• Simple mounting
A
C
G
V
RRM = 800-1200 V
I
T(AV)M = 16 A
A = Anode, C = Cathode, G = Gate
Tab = Isolated
TO-220 Isolated
A
A
C
① mounted on heatsink
Data according to IEC 60747
② without heatsink


Similar Part No. - CS22-12IO1M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS22-12IO1M IXYS-CS22-12IO1M Datasheet
196Kb / 5P
High Efficiency Thyristor
logo
Inchange Semiconductor ...
CS22-12IO1M ISC-CS22-12IO1M Datasheet
216Kb / 1P
isc Thyristors
More results

Similar Description - CS22-12IO1M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
PHASE CONTROL THYRISTORS
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
Phase Control Thyristors
logo
Nell Semiconductor Co.,...
395PTAO NELLSEMI-395PTAO Datasheet
834Kb / 3P
PHASE CONTROL THYRISTORS
700PTBO NELLSEMI-700PTBO Datasheet
687Kb / 2P
PHASE CONTROL THYRISTORS
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
Phase Control Thyristors
1150PTCO NELLSEMI-1150PTCO Datasheet
2Mb / 2P
PHASE CONTROL THYRISTORS
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
2180PTEO NELLSEMI-2180PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
2550PTEO NELLSEMI-2550PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com