Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB101F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB101F
Description  100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB101F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB101F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB101F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MB101F ~ MB110F
100V ~ 1000V, 1A
Surface Mount Bridge Rectifiers
20-Apr-2016 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High surge current capability
Saves space on printed circuit boards
Glass passivated structure
MECHANICAL DATA
Terminals: Solderable per MIL-STD-750, Method 2026
Case: MBF
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
MBF
5K
13 inch
MARKING
Part Number
Marking
Part Number
Marking
MB101F
10M1
MB106F
10M6
MB102F
10M2
MB108F
10M8
MB104F
10M4
MB110F
10M10
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
MB
101F
MB
102F
MB
104F
MB
106F
MB
108F
MB
110F
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Current
IF(AV)
1
A
Peak Forward Surge Current@ 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC
Method)
IFSM
35
A
Current Square Time@ 1ms≦t<8.3ms, TJ=25°C,
Rating of per diode
I
2t
5.08
A
2s
Maximum Instantaneous Forward Voltage@ IF=1A
VF
1.1
V
TA=25°C
5
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=125°C
IR
40
µA
Typical Junction Capacitance
1
CJ
13
pF
Thermal Resistance Junction to Ambient
2
RθJA
85
°C/W
Thermal Resistance Junction to Lead
2
RθJL
30
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. The device is mounted on a glass epoxy PC board with a 4× (5×5mm
2) copper pad.
MBF
Millimeter
Millimeter
Min.
Max.
REF.
Min.
Max.
A
4.5
5.0
F
0.2 TYP.
B
3.6
4.1
G
6.4
7.0
C
0.5
0.7
H
1.3
1.7
D
2.3
2.7
I
0.15
0.22
E
1.2
1.6
J
0.5
1.1


Similar Part No. - MB101F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB101 MCC-MB101 Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
MB101 CHENG-YI-MB101 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Micro Commercial Compon...
MB101 MCC-MB101 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
New Jersey Semi-Conduct...
MB101 NJSEMI-MB101 Datasheet
105Kb / 2P
High Currant Bridge Rectifier
logo
Micro Commercial Compon...
MB101 MCC-MB101 Datasheet
171Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB101F

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1A TMT-S1A_16 Datasheet
364Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S1D-K TMT-S1D-K Datasheet
363Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1JF TMT-S1JF Datasheet
186Kb / 4P
1A, 600V - 1000V Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
TF1S SECOS-TF1S Datasheet
209Kb / 2P
Voltage 100V ~ 1000V 1.0 Amp Surface Mount Bridge Rectifiers
TF201S SECOS-TF201S Datasheet
206Kb / 2P
Voltage 100V ~ 1000V 2.0 Amp Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
S1D-K TSC-S1D-K Datasheet
363Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1DLW TSC-S1DLW Datasheet
196Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1D-T TSC-S1D-T Datasheet
377Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1JF TSC-S1JF Datasheet
224Kb / 4P
1A, 600V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com