Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4858 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4858
Description  Mono 1.5 W / Stereo 300mW Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4858 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4858 Datasheet HTML 9Page - National Semiconductor (TI) LM4858 Datasheet HTML 10Page - National Semiconductor (TI) LM4858 Datasheet HTML 11Page - National Semiconductor (TI) LM4858 Datasheet HTML 12Page - National Semiconductor (TI) LM4858 Datasheet HTML 13Page - National Semiconductor (TI) LM4858 Datasheet HTML 14Page - National Semiconductor (TI) LM4858 Datasheet HTML 15Page - National Semiconductor (TI) LM4858 Datasheet HTML 16Page - National Semiconductor (TI) LM4858 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Information (Continued)
The LM4858’s unity-gain stability allows a designer to maxi-
mize system performance. The LM4858’s gain should be set
no higher than necessary for any given application. A low
gain configuration maximizes signal-to-noise performance
and minimizes THD+N. However, a low gain configuration
also requires large input signals to obtain a given output
power. Input signals equal to or greater than 1V
RMS are
available from sources such as audio codecs. Please refer to
the section, Audio Power Amplifier Design, for a more
complete explanation of proper gain selection.
Selecting Input and Output Capacitor Values
Besides gain, one of the major considerations is the closed-
loop bandwidth of the amplifier. To a large extent, the band-
width is dictated by the choice of external components
shown in Figure 1. The input coupling capacitor C
I and
resistor R
I form a first order high pass filter that limits low
frequency response. C
I’s value should be based on the
desired frequency response weighed against the following:
Large value input and output capacitors are both expensive
and space consuming for portable designs. Clearly a certain
sized capacitor is needed to couple in low frequencies with-
out severe attenuation. But in many cases the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Thus, large
value input and output capacitors may not increase system
performance.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W / 8
Ω Bridged Audio Amplifier
Given:
•
Power Output:
1W
RMS
•
Load Impedance
8
Ω
•
Input Level:
1V
RMS
•
Input Impedance:
20k
Ω
•
Bandwidth:
100Hz - 20kHz ± 0.25dB
A designer must first determine the minimum supply voltage
needed to obtain the specified output power. By extrapolat-
ing from the Output Power vs Supply Voltage graphs in the
Typical Performance Characteristics section, the supply
rail can be easily found. A second way to determine the
minimum supply rail is to calculate the required V
OPEAK
using Equation 5 and add the dropout voltage. This results in
Equation 6, where V
ODTOP and VODBOT are extrapolated
from the Dropout Voltage vs Supply Voltage curve in the
Typical Performance Characteristics section.
(5)
V
DD
≥ (V
OPEAK +(VODTOP +VODBOT))
(6)
Using the Output Power vs Supply Voltage graph for an 8
Ω
load, the minimum supply rail is 4.7V. But since 5V is a
standard supply voltage in most applications, it is chosen for
the supply rail. Extra supply voltage creates headroom that
allows the LM4858 to reproduce peaks in excess of 1W
without producing audible distortion. However, the designer
must make sure that the chosen power supply voltage and
output load does not violate the conditions explained in the
Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 7.
(7)
R
F /RI =AVD / 2
(8)
From Equation 6, the minimum A
VD is 2.83; use AVD =3.
The desired input impedance was 20k
Ω, and with an A
VD of
3, using Equation 8 results in an allocation of R
I = 20k
Ω and
R
F = 30k
Ω.
The final design step is to set the amplifier’s −3dB frequency
bandwidth. To achieve the desired ± 0.25dB pass band
magnitude variation limit, the low frequency response must
extend to at least one−fifth the lower bandwidth limit and the
high frequency response must extend o at least five times
the upper bandwidth limit. The variation for both response
limits is 0.17dB, well within the ± 0.25dB desired limit. This
results in:
f
L = 100Hz/5= 20Hz
f
H = 20kHzx5= 100kHz
As stated in the External Components section, R
I in con-
junction with C
I create a highpass filter. Find the coupling
capacitor’s value using Equation 9.
C
I
≥ 1/(2πR
IfL)
(9)
C
I
≥ 1/(2π x 20kΩ x 20Hz) = 0.397µF
Use a 0.39µF capacitor, the closest standard value.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain,
A
VD. With AVD = 3 and fH = 100kHz, the resulting GBWP =
150kHz which is much smaller than the LM4858 GBWP of
10MHz. This difference indicates that a designer can still use
the LM4858 at higher differential gains without bandwidth
limitations.
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 3
Ω AND 4Ω LOADS
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendant on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by a 4
Ω load from 2.0W to
1.95W. This problem of decreased load dissipation is exac-
erbated as load impedance decreases. Therefore, to main-
tain the highest load dissipation and widest output voltage
swing, PCB traces that connect the output pins to a load
must be as wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com