Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4858MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4858MM
Description  Mono 1.5 W / Stereo 300mW Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4858MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4858MM Datasheet HTML 9Page - National Semiconductor (TI) LM4858MM Datasheet HTML 10Page - National Semiconductor (TI) LM4858MM Datasheet HTML 11Page - National Semiconductor (TI) LM4858MM Datasheet HTML 12Page - National Semiconductor (TI) LM4858MM Datasheet HTML 13Page - National Semiconductor (TI) LM4858MM Datasheet HTML 14Page - National Semiconductor (TI) LM4858MM Datasheet HTML 15Page - National Semiconductor (TI) LM4858MM Datasheet HTML 16Page - National Semiconductor (TI) LM4858MM Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
Demonstration Board Layout
200647B2
FIGURE 2. Recommended MM PC Board Layout:
Component-Side SilkScreen
200647B3
FIGURE 3. Recommended MM PC Board Layout:
Component-Side Layout
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com