Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4891M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4891M
Description  1 Watt Audio Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4891M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4891M Datasheet HTML 1Page - National Semiconductor (TI) LM4891M Datasheet HTML 2Page - National Semiconductor (TI) LM4891M Datasheet HTML 3Page - National Semiconductor (TI) LM4891M Datasheet HTML 4Page - National Semiconductor (TI) LM4891M Datasheet HTML 5Page - National Semiconductor (TI) LM4891M Datasheet HTML 6Page - National Semiconductor (TI) LM4891M Datasheet HTML 7Page - National Semiconductor (TI) LM4891M Datasheet HTML 8Page - National Semiconductor (TI) LM4891M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagrams
8 Bump micro SMD
Small Outline (SO) Package
20007423
Top View
Order Number LM4891IBP, LM4891IBPX
See NS Package Number BPA08DDB
20007435
Top View
Order Number LM4891M
See NS Package Number M08A
8 Bump micro SMD Marking
SO Marking
20007470
Top View
X - Date Code
T - Die Traceability
G - Boomer Family
G - LM4891IBP
20007472
Top View
XY - Date Code
TT - Die Traceability
Bottom 2 lines - Part Number
Mini Small Outline (MSOP) Package
MSOP Marking
20007436
Top View
Order Number LM4891MM
See NS Package Number MUA08A
20007471
Top View
G - Boomer Family
91 - LM4891MM
LLP Package
10 Pin LLP Marking
20007480
Top View
Order Number LM4891LD
See NS Package Number LDA10B
20007479
Top View
Z - Assembly Plant Code (M for Malacca)
XY - 2 Digit Datecode
TT - 2 Letter Code for Traceability
L4891 - LM4891LD
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com